Electronic Components Datasheet Search
  English  ▼

X  

EMIF09-SD01F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF09-SD01F3
Description  9-line IPAD, EMI filter and ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF09-SD01F3 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF09-SD01F3 Datasheet HTML 1Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 2Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 3Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 4Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 5Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 6Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 7Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 8Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
EMIF09-SD01F3
4/9
Figure 3.
S21(dB) all lines attenuation
measurement
Figure 4.
Analog cross talk measurement
100.0k
1.0M
10.0M
100.0M
1.0G
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
data0
data1
data2
data3
100.0k
1.0M
10.0M
100.0M
1.0G
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
data0
data1
data2
data3
F (Hz)
dB
100.0k
1.0M
10.0M
100.0M
1.0G
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
data0_data1
100.0k
1.0M
10.0M
100.0M
1.0G
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
data0_data1
dB
F (Hz)
Figure 5.
Digital crosstalk measurement
Figure 6.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on one input
(VIN) and on one output (VOUT)
Output Line 2
200mV/d
Input Line 1
1V/d
10ns/d
5Gs/s
V
=20V/d
external
Vinternal=10V/d
100ns/d
Figure 7.
ESD response to IEC 61000-4-2
(-15 kV air discharge) on one input
(VIN) and on one output (VOUT)
Figure 8.
Line capacitance versus applied
voltage
V
=20V/d
external
Vinternal=10V/d
100ns/d
C
(pF)
line
0
5
10
15
20
25
02
46
8
10
12
14
V
(V)
line
F = 1 MHz
V
= 30 mV
T = 25°C
OSC
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com