Electronic Components Datasheet Search
  English  ▼

X  

EMIF09-SD01F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF09-SD01F3
Description  9-line IPAD, EMI filter and ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF09-SD01F3 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF09-SD01F3 Datasheet HTML 1Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 2Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 3Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 4Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 5Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 6Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 7Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 8Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
EMIF09-SD01F3
2/9
1
Characteristics
Figure 2.
Device configuration
GND bumps (GND_H and GND_C - A3, D3 and E3) must be connected to ground on the
printed circuit board for ESD testing and RF measurements.
Table 1.
Pin-signal attribution
Pin
Description
Pin
Description
Pin
Description
Pin
Description
Pin
Description
A1
DATA2
B1
CD
C1
DAT3_PD
D1
WP+CD
E1
DATA1
A2
DATA3
B2
CMD
C2
WP
D2
CLK
E2
DATA0
A3
GND_H
B3
C3
DAT3_PU
D3
GND_C
E3
GND_C
A4
SDDATA2
B4
SDCD
C4
SDWP
D4
SDWP+CD
E4
SDDATA1
A5
SDDATA3
B5
SDCMD
C5
VSD
D5
SDCLK
E5
SDDATA0
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VPP
Internal pins (A1, B1, C1, D1, E1, A2, B2, C2, D2, E2, C3)
ESD discharge IEC 61000-4-2, air discharge
ESD discharge IEC 61000-4-2, contact discharge
External pins (A4, B4, C4, D4, E4, A5, B5, C5, D5, E5)
ESD discharge IEC 61000-4-2, air discharge
ESD discharge IEC 61000-4-2, contact discharge
2
2
15
8
kV
Tj
Junction temperature
125
°C
Top
Operating temperature range
-30 to + 85
°C
Tstg
Storage temperature range
-55 to 150
°C
GND_C
GND_H
VSD
SDCLK
SDCMD
SDDATA0
SDDATA1
SDDATA2
SDDATA3
SDCD
SDWP
SDWP+CD
CLK
CMD
DATA0
DATA1
DATA2
DATA3
CD
WP
WP+CD
DAT3_PD
R1
R2
R3
R4
R5
R6
R7
R8
R9
R21
DAT3_PU
GND_C
GND_H
VSD
SDCLK
SDCMD
SDDATA0
SDDATA1
SDDATA2
SDDATA3
SDCD
SDWP
SDWP+CD
CLK
CMD
DATA0
DATA1
DATA2
DATA3
CD
WP
WP+CD
DAT3_PD
R1
R2
R3
R4
R5
R6
R7
R8
R9
R21
DAT3_PU



Html Pages

1 2 3 4 5 6 7 8 9