Electronic Components Datasheet Search
  English  ▼

X  

EMIF09-SD01F3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF09-SD01F3
Description  9-line IPAD, EMI filter and ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF09-SD01F3 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF09-SD01F3 Datasheet HTML 1Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 2Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 3Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 4Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 5Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 6Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 7Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 8Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EMIF09-SD01F3
Application information
5/9
2
Application information
Figure 9.
Aplac model
Figure 10.
Aplac model variables
MODEL = D2
Rline
MODEL = D3
Rsub
Rbump
Lbump
MODEL = D1
MODEL = D4
data0
sddata0
Lbump
Rbump
Rgnd
Rbump
Lbump
Lbump Rbump
Lgnd
Rgnd
Lgnd
Rbump
Lbump
Rgnd
Lgnd
Variables
aplacvar Rline 40
aplacvar C_d1 14.5p
aplacvar C_d2 6.5p
aplacvar C_d3 303p
aplacvar C_d4 14.5p
aplacvar Lbump 43pH
aplacvar Rbump 17m
aplacvar Cbump 150f
aplacvar Lgnd 150pH
aplacvar Rgnd 10m
aplacvar Rsub 5
Diode D1
BV=7
IBV=1m
CJO=C_d1
M=0.28
RS=1.13
VJ=0.6
TT=100n
Diode D2
BV=7
IBV=1m
CJO=C_d2
M=0.28
RS=0.8
VJ=0.6
TT=100n
Diode D3
BV=7
IBV=1m
CJO=C_d3
M=0.28
RS=0.37
VJ=0.6
TT=100n
Diode D4
BV=7
IBV=1m
CJO=C_d4
M=0.28
RS=1.13
VJ=0.6
TT=100n



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com