Electronic Components Datasheet Search
  English  ▼

X  

TDA7560 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7560
Description  4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7560 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7560_05 Datasheet HTML 2Page - STMicroelectronics TDA7560_05 Datasheet HTML 3Page - STMicroelectronics TDA7560_05 Datasheet HTML 4Page - STMicroelectronics TDA7560_05 Datasheet HTML 5Page - STMicroelectronics TDA7560_05 Datasheet HTML 6Page - STMicroelectronics TDA7560_05 Datasheet HTML 7Page - STMicroelectronics TDA7560_05 Datasheet HTML 8Page - STMicroelectronics TDA7560_05 Datasheet HTML 9Page - STMicroelectronics TDA7560_05 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TDA7560
6/11
Figure 6. Quiescent current vs. supply voltage.
Figure 7. Output power vs. supply voltage.
Figure 8. Output power vs. supply voltage.
Figure 9. Distortion vs. output Power
Figure 10. Distortion vs. output power
Figure 11. Distortion vs. frequency.
8
1012141618
Vs (V)
140
160
180
200
220
240
Id (mA)
Vi = 0
RL = 4 Ohm
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
Po (W)
RL= 4 Ohm
f= 1 KHz
THD= 10 %
THD= 1 %
Po-max
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
10
20
30
40
50
60
70
80
90
100
110
120
130
Po (W)
RL= 2 Ohm
f= 1 KHz
THD= 10 %
THD= 1 %
Po-max
0.1
1
10
Po (W)
0.001
0.01
0.1
1
10
THD (%)
f = 10 KHz
RL = 4 Ohm
f = 1 KHz
Vs= 14.4 V
0.1
1
10
Po (W)
0.001
0.01
0.1
1
10
THD (%)
f = 10 KHz
RL = 2 Ohm
f = 1 KHz
Vs= 14.4 V
10
100
1000
10000
f (Hz)
0.001
0.01
0.1
1
10
THD (%)
Po = 4 W
RL = 4 Ohm
Vs = 14.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com