Electronic Components Datasheet Search
  English  ▼

X  

TDA7560 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7560
Description  4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7560 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7560_05 Datasheet HTML 1Page - STMicroelectronics TDA7560_05 Datasheet HTML 2Page - STMicroelectronics TDA7560_05 Datasheet HTML 3Page - STMicroelectronics TDA7560_05 Datasheet HTML 4Page - STMicroelectronics TDA7560_05 Datasheet HTML 5Page - STMicroelectronics TDA7560_05 Datasheet HTML 6Page - STMicroelectronics TDA7560_05 Datasheet HTML 7Page - STMicroelectronics TDA7560_05 Datasheet HTML 8Page - STMicroelectronics TDA7560_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
TDA7560
February 2005
1
Features
■ SUPERIOR OUTPUT POWER CAPABILITY:
4 x 50W/4
Ω MAX.
4 x 45W/4
Ω EIAJ
4 x 30W/4
Ω @ 14.4V, 1KHz, 10%
4 x 80W/2
Ω MAX.
4 x 77W/2
Ω EIAJ
4 x 55W/2
Ω @ 14.4V, 1KHz, 10%
■ MULTIPOWER BCD TECHNOLOGY
■ MOSFET OUTPUT POWER STAGE
■ EXCELLENT 2
Ω DRIVING CAPABILITY
■ HI-FI CLASS DISTORTION
■ LOW OUTPUT NOISE
■ ST-BY FUNCTION
■ MUTE FUNCTION
■ AUTOMUTE AT MIN. SUPPLY VOLTAGE
DETECTION
■ LOW EXTERNAL COMPONENT COUNT:
– INTERNALLY FIXED GAIN (26dB)
– NO EXTERNAL COMPENSATION
– NO BOOTSTRAP CAPACITORS
■ ON BOARD 0.35A HIGH SIDE DRIVER
1.1 Protections:
■ OUTPUT SHORT CIRCUIT TO GND, TO VS,
ACROSS THE LOAD
■ VERY INDUCTIVE LOADS
■ OVERRATING CHIP TEMPERATURE WITH
SOFT THERMAL LIMITER
■ OUTPUT DC OFFSET DETECTION
■ LOAD DUMP VOLTAGE
■ FORTUITOUS OPEN GND
■ REVERSED BATTERY
■ ESD
2
Description
The TDA7560 is a breakthrough BCD (Bipolar /
CMOS / DMOS) technology class AB Audio Power
Amplifier in Flexiwatt 25 package designed for
high power car radio. The fully complementary P-
Channel/N-Channel output structure allows a rail
to rail output voltage swing which, combined with
high output current and minimised saturation loss-
es sets new power references in the car-radio
field, with unparalleled distortion performances.
4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Figure 2. Block Diagram
IN1
0.1
µF
MUTE
ST-BY
IN2
0.1
µF
OUT1+
OUT1-
OUT2+
OUT2-
PW-GND
IN3
0.1
µF
IN4
0.1
µF
OUT3+
OUT3-
OUT4+
OUT4-
PW-GND
PW-GND
PW-GND
D94AU158C
AC-GND
0.47
µF47µF
SVR
TAB
S-GND
Vcc1
Vcc2
100nF
470
µF
HSD/VOFFDET
HSD
Figure 1. Package
Table 1. Order Codes
Part Number
Package
TDA7560
FLEXIWATT25
FLEXIWATT25
Rev. 2


Similar Part No. - TDA7560_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
4 x 45 W quad bridge car radio amplifier
07-Nov-2008
TDA7560H STMICROELECTRONICS-TDA7560H Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
More results

Similar Description - TDA7560_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7560 STMICROELECTRONICS-TDA7560 Datasheet
353Kb / 10P
4 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Nov-1999
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
4 x 45W quad bridge car radio amplifier
09-Nov-2007
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
4 x 45W quad bridge car radio amplifier
14-Nov-2007
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
4 x 45W quad bridge car radio amplifier
20-Dec-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com