Electronic Components Datasheet Search
  English  ▼

X  

TDA7560 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7560
Description  4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7560 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7560_05 Datasheet HTML 3Page - STMicroelectronics TDA7560_05 Datasheet HTML 4Page - STMicroelectronics TDA7560_05 Datasheet HTML 5Page - STMicroelectronics TDA7560_05 Datasheet HTML 6Page - STMicroelectronics TDA7560_05 Datasheet HTML 7Page - STMicroelectronics TDA7560_05 Datasheet HTML 8Page - STMicroelectronics TDA7560_05 Datasheet HTML 9Page - STMicroelectronics TDA7560_05 Datasheet HTML 10Page - STMicroelectronics TDA7560_05 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TDA7560
8/11
Figure 18. Power dissipation vs. ouput power
(Music/Speech Simulation)
Figure 19. Power dissipation vs. output power
(Music/Speech Simulation)
0123
45
6
Po (W)
5
10
15
20
25
30
Ptot (W)
Vs= 13.2 V
RL= 4 x 4 Ohm
CLIP START
GAUSSIAN NOISE
0
2
468
10
Po (W)
5
10
15
20
25
30
35
40
45
50
55
60
Ptot (W)
Vs= 13.2 V
RL= 4 x 2 Ohm
CLIP START
GAUSSIAN NOISE
3
DC Offset Detector
The TDA7560 The TDA7560 integrates a DC offset detector to avoid that an anomalous DC offset on the
inputs of the amplifier may be multiplied by the gain and result in a dangerous large offset on the outputs
which may lead to speakers damage for overheating.
The feature is enabled by the MUTE pin and works with the amplifier umuted and with no signal on the
inputs. The DC offset detection is signaled out on the HSD pin.
4
Application Hints (ref. to the circuit of fig. 4)
4.1 SVR
Besides its contribution to the ripple rejection, the SVR capacitor governs the turn ON/OFF time sequence
and, consequently, plays an essential role in the pop optimization during ON/OFF transients.To conve-
niently serve both needs, ITS MINIMUM RECOMMENDED VALUE IS 10
µF.
4.2 INPUT STAGE
The TDA7560's inputs are ground-compatible and can stand very high input signals (± 8Vpk) without any
performances degradation.
If the standard value for the input capacitors (0.1
µF) is adopted, the low frequency cut-off will amount to
16 Hz.
4.3 STAND-BY AND MUTING
STAND-BY and MUTING facilities are both CMOS-COMPATIBLE. In absence of true CMOS ports or mi-
croprocessors, a direct connection to Vs of these two pins is admissible but a 470 kOhm equivalent resis-
tance should present between the power supply and the muting and stand-by pins.
R-C cells have always to be used in order to smooth down the transitions for preventing any audible tran-
sient noises.
About the stand-by, the time constant to be assigned in order to obtain a virtually pop-free transition has
to be slower than 2.5V/ms.
4.4 HEATSINK DEFINITION
Under normal usage (4 Ohm speakers) the heatsink's thermal requirements have to be deduced from fig.
18, which reports the simulated power dissipation when real music/speech programmes are played out.
Noise with gaussian-distributed amplitude was employed for this simulation. Based on that, frequent clip-
ping occurence (worst-case) will cause Pdiss = 26W. Assuming Tamb = 70°C and TCHIP = 150°C as bound-
ary conditions, the heatsink's thermal resistance should be approximately 2°C/W. This would avoid any
thermal shutdown occurence even after long-term and full-volume operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com