Electronic Components Datasheet Search
  English  ▼

X  

TDA7560 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7560
Description  4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7560 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7560_05 Datasheet HTML 3Page - STMicroelectronics TDA7560_05 Datasheet HTML 4Page - STMicroelectronics TDA7560_05 Datasheet HTML 5Page - STMicroelectronics TDA7560_05 Datasheet HTML 6Page - STMicroelectronics TDA7560_05 Datasheet HTML 7Page - STMicroelectronics TDA7560_05 Datasheet HTML 8Page - STMicroelectronics TDA7560_05 Datasheet HTML 9Page - STMicroelectronics TDA7560_05 Datasheet HTML 10Page - STMicroelectronics TDA7560_05 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
TDA7560
Figure 12. Distortion vs. frequency.
Figure 13. Crosstalk vs. frequency.
Figure 14. Supply voltage rejection vs. freq.
Figure 15. Output attenuation vs. supply volt.
Figure 16. Output noise vs. source resistance.
Figure 17. Power dissipation & efficiency vs.
output power (sine-wave operation)
10
100
1000
10000
f (Hz)
0.001
0.01
0.1
1
10
THD (%)
Po = 8 W
RL = 2 Ohm
Vs = 14.4 V
10
100
1000
10000
f (Hz)
20
30
40
50
60
70
80
90
CROSSTALK (dB)
Po = 4 W
RL = 4 Ohm
Rg = 600 Ohm
10
100
1000
10000
f (Hz)
20
30
40
50
60
70
80
90
100
SVR (dB)
Vripple= 1 Vrms
Rg= 600 Ohm
5
678
9
10
Vs (V)
0
-20
-40
-60
-80
-100
OUT ATTN (dB)
RL = 4 Ohm
Po= 4 W ref.
1
10
100
1000
10000
100000
Rg (Ohm)
20
30
40
50
60
70
80
90
100
110
120
130
En (uV)
Vs= 14.4 V
RL= 4 Ohm
"A" wgtd
22-22 KHz lin.
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
Po (W)
0
10
20
30
40
50
60
70
80
90
Ptot (W)
0
10
20
30
40
50
60
70
80
90
n (%)
Vs= 13.2 V
RL= 4 x 4 Ohm
f= 1 KHz SINE
n
Ptot



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com