Electronic Components Datasheet Search
  English  ▼

X  

PM6600 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PM6600
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PM6600 Datasheet HTML 2Page - STMicroelectronics PM6600 Datasheet HTML 3Page - STMicroelectronics PM6600 Datasheet HTML 4Page - STMicroelectronics PM6600 Datasheet HTML 5Page - STMicroelectronics PM6600 Datasheet HTML 6Page - STMicroelectronics PM6600 Datasheet HTML 7Page - STMicroelectronics PM6600 Datasheet HTML 8Page - STMicroelectronics PM6600 Datasheet HTML 9Page - STMicroelectronics PM6600 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Pin settings
PM6600
6/43
9SLOPE
Slope compensation setting. A resistor between the output of the boost
converter and this pin is needed to avoid sub-harmonic instability.
Refer to section 1.4 for details.
10
SGND
Signal ground. Supply return for the analog circuitry and the current
generators.
11
ROW1
Row driver output #1.
12
ROW2
Row driver output #2.
13
ROW3
Row driver output #3.
14
ROW4
Row driver output #4.
15
ROW5
Row driver output #5.
16
ROW6
Row driver output #6.
17
PGND
Power ground. Source of the internal power-MOSFET.
18
OVSEL
Over-voltage selection. Used to set the desired OV threshold by an external
divider. See Section 7.2 on page 24 for details.
19
LX
Switching node. Drain of the internal power-MOSFET.
20
DIM
Dimming input. Used to externally set the brightness of the LEDs by using a
PWM signal.
21
EN
Enable input. When low, the device is turned off. If tied high or left floating,
the device is turned on and a Soft-Start sequence takes place.
22
FAULT
Fault signal output. Open drain output. The pin goes low when a fault
condition is detected (see Section 9.1 on page 36 for details).
23
SYNC
Synchronization output. Used as external synchronization output.
24
SS
Soft start. Connect a capacitor to SGND to set the desired Soft-Start
duration.
Table 2.
Pin functions (continued)
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com