Electronic Components Datasheet Search
  English  ▼

X  

PM6600 Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM6600
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM6600 Datasheet HTML 26Page - STMicroelectronics PM6600 Datasheet HTML 27Page - STMicroelectronics PM6600 Datasheet HTML 28Page - STMicroelectronics PM6600 Datasheet HTML 29Page - STMicroelectronics PM6600 Datasheet HTML 30Page - STMicroelectronics PM6600 Datasheet HTML 31Page - STMicroelectronics PM6600 Datasheet HTML 32Page - STMicroelectronics PM6600 Datasheet HTML 33Page - STMicroelectronics PM6600 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Operation description
PM6600
30/43
The SLOPE pin allows to properly set the amount of slope compensation connecting a
simple resistor RSLOPE between the SLOPE pin and the output. The compensation ramp
starts at 35 % (typ.) of each switching period and its slope is given by the following equation:
Equation 11
Where KSLOPE, VBE = 2 V (typ.) and SE is the slope ramp in [A/s].
To avoid sub-harmonic instability, the compensating slope should be at least half the slope
of the inductor current during the off-phase for a duty-cycle greater than 50 % (i.e. at the
lowest input voltage). The value of RSLOPE can be calculated according to equation 9.
Equation 12
Figure 50.
Effect of slope compensation on small inductor current perturbation
(D > 0.5)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
=
SLOPE
BE
IN
OUT
SLOPE
E
R
V
V
V
K
S
)
V
V
(
)
V
V
V
(
L
K
2
R
IN
OUT
BE
IN
OUT
SLOPE
SLOPE
−
−
−
⋅
⋅
⋅
≤
TSW
Programmed inductor peak current with
slope compensation (SE)
Inductor current (CCM)
t
ITRIP
0.35
·TSW
∆IL
Inductor current
perturbation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com