Electronic Components Datasheet Search
  English  ▼

X  

PM6600 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM6600
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM6600 Datasheet HTML 8Page - STMicroelectronics PM6600 Datasheet HTML 9Page - STMicroelectronics PM6600 Datasheet HTML 10Page - STMicroelectronics PM6600 Datasheet HTML 11Page - STMicroelectronics PM6600 Datasheet HTML 12Page - STMicroelectronics PM6600 Datasheet HTML 13Page - STMicroelectronics PM6600 Datasheet HTML 14Page - STMicroelectronics PM6600 Datasheet HTML 15Page - STMicroelectronics PM6600 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Typical operating characteristics
PM6600
12/43
5
Typical operating characteristics
All the measures are done with a standard PM6600EVAL demoboard and a standard
WLED6021NB demoboard, with the components listed in the EVAL_KIT document.
The measures are done with this working conditions, unless specified:
●
Vin = 12 V
●
Vout = 6 rows x 10 WLEDs = 34 V (typ)
●
Iout = 20 mA each row
●
fsw = 660 kHz (nominal switching frequency, with FSW .. AVCC)
●
Vrow1 to Vrow6 = {0.697, 0.75, 0.818, 0.696, 0.822, 0.363} V
Figure 3.
Efficiency vs
DIM duty cycle @ fDIM = 200 Hz
Figure 4.
Efficiency vs
DIM duty cycle @ fDIM = 500 Hz
Figure 5.
Efficiency vs
DIM duty cycle @ fDIM = 1 kHz
Figure 6.
Efficiency vs
DIM duty cycle @ fDIM = 5 kHz
0
10
20
30
40
50
60
70
80
90
100
0
2040
6080
100
DIM duty cycle [%]
Vin = 6V
Vin = 12V
Vin = 18V
Vin = 24V
0
10
20
30
40
50
60
70
80
90
100
020
40
60
80
100
DIM duty cycle [%]
Vin = 6V
Vin = 12V
Vin = 18V
Vin = 24V
0
10
20
30
40
50
60
70
80
90
100
0
2040
6080
100
DIM duty cycle [%]
Vin = 6V
Vin = 12V
Vin = 18V
Vin = 24V
0
10
20
30
40
50
60
70
80
90
100
0
2040
6080
100
DIM duty cycle [%]
Vin = 6V
Vin = 12V
Vin = 18V
Vin = 24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com