Electronic Components Datasheet Search
  English  ▼

X  

PM6600 Datasheet(PDF) 24 Page - STMicroelectronics

Part # PM6600
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PM6600 Datasheet HTML 20Page - STMicroelectronics PM6600 Datasheet HTML 21Page - STMicroelectronics PM6600 Datasheet HTML 22Page - STMicroelectronics PM6600 Datasheet HTML 23Page - STMicroelectronics PM6600 Datasheet HTML 24Page - STMicroelectronics PM6600 Datasheet HTML 25Page - STMicroelectronics PM6600 Datasheet HTML 26Page - STMicroelectronics PM6600 Datasheet HTML 27Page - STMicroelectronics PM6600 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Operation description
PM6600
24/43
where the first term represents the highest total forward voltage drop over active ROWs and
the second is the voltage drop across the leading generator (400 mV typ.).
The device continues to monitor the voltage drop across all the rows and automatically
switches to the current generator having the lowest voltage drop.
7.2
Over voltage protection
An adjustable Over-Voltage Protection is available. It can be set feeding the OVSEL pin with
a partition of the output voltage. The voltage of the central tap of the divider is thus
compared to a fixed 1.235 V threshold. When the voltage on the OVSEL pin exceeds the OV
threshold, the FAULT pin is tied low (see Section 9 on page 36) and the device is turned off;
this condition is latched and the PM6600 is restarted by toggling the EN pin or by performing
a Power-On Reset (the POR occurs when the LDO output falls below the lower UVLO
threshold and subsequently crosses the upper UVLO threshold during the rising phase of
the input voltage). Normally, the value of the high-side resistors of the divider is in the order
of 100k
Ω to reduce the output capacitor discharge when the boost converter is off (during
the off phase of the dimming cycle).
The OVSEL divider should be a compensated one, with the capacitors C10 (typically in the
100 pF-330 pF range) that improves noise rejection at the OVSEL pin (see Figure 44) and
C13 (typically 22 pF) that avoids OVP fault detection when a row is open.
The following formula permits to properly select the OVP threshold, according to the VOUT
value and considering the worst case:
Equation 2
where
Equation 3
VOVP is the Over-Voltage Protection threshold
VROWx,FAULT is the Shorted LED threshold
VROW_MAX is the maximum voltage drop across the current generators, measured in the
ROWx pin with the leds' series with minimum VF_WLED: Forward Voltage of the single LED.
)
V
V
(
V
V
V
MAX
_
ROW
FAULT
,
ROWx
OUT
OVP
OUT
−
+
<
<
V
4
.
0
V
n
V
WLED
_
F
series
_
WLED
OUT
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com