Electronic Components Datasheet Search
  English  ▼

X  

PM6670S Datasheet(PDF) 6 Page - STMicroelectronics

Part # PM6670S
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PM6670S Datasheet HTML 2Page - STMicroelectronics PM6670S Datasheet HTML 3Page - STMicroelectronics PM6670S Datasheet HTML 4Page - STMicroelectronics PM6670S Datasheet HTML 5Page - STMicroelectronics PM6670S Datasheet HTML 6Page - STMicroelectronics PM6670S Datasheet HTML 7Page - STMicroelectronics PM6670S Datasheet HTML 8Page - STMicroelectronics PM6670S Datasheet HTML 9Page - STMicroelectronics PM6670S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
Pin settings
PM6670S
6/53
2.2
Pin description
Table 2.
Pin functions
N°
Pin
Function
1
VTTGND
LDO power ground. Connect to negative terminal of VTT output capacitor.
2VTTSNS
LDO remote sensing. Connect as close as possible to the load via a low
noise PCB trace.
3DDRSEL
DDR voltage selector (if MODE is tied to VCC) or Pulse-Skip/No-Audible
Pulse-Skip Selector in Adjustable Mode (MODE voltage lower than 3 V).
See Section 7.1.4: Mode-of-operation selection on page 29.
4VTTREF
Low Noise Buffered DDR Reference Voltage. A 22 nF (minimum) ceramic
bypass capacitor is required in order to achieve stability.
5SGND
Ground reference for analog circuitry, control logic and VTTREF buffer.
Connect together with the thermal pad and VTTGND to a low impedance
ground plane. See the Application Note for details.
6AVCC
+5 V supply for internal logic. Connect to +5 V rail through a simple RC
filtering network.
7VREF
High accuracy output Voltage Reference (1.237 V) for multilevel pins setting.
It can deliver up to 50
µA. Connect a 100 nF capacitor between VREF and
SGND in order to enhance noise rejection.
8VOSC
Frequency selection. Connect to the central tap of a resistor divider to set
the desired switching frequency. The pin cannot be left floating. See
Section 7: Device description on page 19
9
VSNS
VDDQ output remote sensing. Discharge path for VDDQ in Non-Tracking
Discharge. Input for internal resistor divider that provides VDDQ/2 to
VTTREF and VTT. Connect as close as possible to the load via a low noise
PCB trace.
10
MODE
Mode of operation selector. If MODE pin voltage is higher than 4 V, the fixed
output mode is selected. If MODE pin voltage is lower than 4 V, it is used as
negative input of the error amplifier. See Section 7.1.4: Mode-of-operation
selection on page 29.
11
COMP
DC voltage error compensation Input for the switching section. Refer
Section 7.1.4: Mode-of-operation selection on page 29.
12
DSCG
Discharge mode selection. Refer to Section 7.1.8: VDDQ output discharge
on page 33 for Tracking/Non-tracking Discharge or No-Discharge options.
13
S5
Switching controller enable. Connect to S5 system status signal to meet S0-
S5 power management states compliance. See Section : Power
management section on page 12
14
S3
Linear regulator enable. Connect to S3 system status signal to meet S0-S5
power management states compliance. See Section : Power management
section on page 12
15
PG
Power good Signal (open drain output). High when VDDQ output voltage is
within ±10 % of nominal value.
16
PGND
Power ground for the switching section.
17
LGATE
Low-side gate driver output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com