Electronic Components Datasheet Search
  English  ▼

X  

PM6670S Datasheet(PDF) 38 Page - STMicroelectronics

Part # PM6670S
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670S Datasheet(HTML) 38 Page - STMicroelectronics

Back Button PM6670S Datasheet HTML 34Page - STMicroelectronics PM6670S Datasheet HTML 35Page - STMicroelectronics PM6670S Datasheet HTML 36Page - STMicroelectronics PM6670S Datasheet HTML 37Page - STMicroelectronics PM6670S Datasheet HTML 38Page - STMicroelectronics PM6670S Datasheet HTML 39Page - STMicroelectronics PM6670S Datasheet HTML 40Page - STMicroelectronics PM6670S Datasheet HTML 41Page - STMicroelectronics PM6670S Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
Application information
PM6670S
38/53
8
Application information
The purpose of this chapter is to show the design procedure of the switching section.
The design starts from three main specifications:
●
The input voltage range, provided by the battery or the AC adapter. The two extreme
values (VINMAX and VINmin ) are important for the design.
●
The maximum load current, indicated by ILOAD,MAX.
●
The maximum allowed output voltage ripple VRIPPLE,MAX.
It's also possible that specific designs should involve other specifications.
The following paragraphs will guide the user into a step-by-step design.
8.1
External components selection
The PM6670S uses a pseudo-fixed frequency, Constant On-Time (COT) controller as the
core of the switching section. The switching frequency can be set by connecting an external
divider to the VOSC pin. The voltage seen at this pin must be greater than 0.8 V and lower
than 2 V in order to ensure system's linearity.
Nearly constant switching frequency is achieved by the system's loop in steady-state
operating conditions by varying the On-Time duration, avoiding thus the need for a clock
generator. The On-Time one shot duration is directly proportional to the output voltage,
sensed at VSNS pin, and inversely proportional to the input voltage, sensed at the VOSC
pin, as follows:
Equation 24
where KOSC is a constant value (130 ns typ.) and τ is the internal propagation delay
(40 ns typ.).
The duty cycle of the buck converter is, under steady state conditions, given by
Equation 25
The switching frequency is thus calculated as
Equation 26
τ
+
=
OSC
SNS
OSC
ON
V
V
K
T
IN
OUT
V
V
D
=
OSC
OUT
OSC
OSC
SNS
OSC
IN
OUT
ON
SW
K
1
V
V
K
V
V
T
D
f
⋅
α
α
=
⋅
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com