Electronic Components Datasheet Search
  English  ▼

X  

PM6670S Datasheet(PDF) 18 Page - STMicroelectronics

Part # PM6670S
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670S Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PM6670S Datasheet HTML 14Page - STMicroelectronics PM6670S Datasheet HTML 15Page - STMicroelectronics PM6670S Datasheet HTML 16Page - STMicroelectronics PM6670S Datasheet HTML 17Page - STMicroelectronics PM6670S Datasheet HTML 18Page - STMicroelectronics PM6670S Datasheet HTML 19Page - STMicroelectronics PM6670S Datasheet HTML 20Page - STMicroelectronics PM6670S Datasheet HTML 21Page - STMicroelectronics PM6670S Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
Block diagram
PM6670S
18/53
6
Block diagram
Figure 27.
Functional and block diagram
VTTGND
VTT
LDOIN
VTTREF
VCC
AVCC
SGND
MODE
DDRSEL
S3
S5
CSNS
HGATE
LGATE
PHASE
BOOT
PGND
DSCG
VREF
VSNS
VTTSNS
VOSC
COMP
CONTROL LOGIC
Zero Crossing &
Current Limit
PG
Vr -10
%
Vr +10
%
+
-
+
-
gm
+
-
Vr
+
_
VREF
R
R
Level
shifter
1.236V
Bandgap
Vr = 0.9V
NTD
NTD
NTD
NTD
HIZ
HIZ
BEN
BEN
TD
TD
Ton
UVLO
SWEN
SWEN
Vr
Anti Cross
Conduction
Ton
min
Toff
min
1-shot
1-shot
1-shot
fix
adj
DDR3
UVP/OVP
Thermal Shutdown
VTTGND
VTT
LDOIN
VTTREF
VCC
AVCC
SGND
MODE
DDRSEL
S3
S5
CSNS
HGATE
LGATE
PHASE
BOOT
PGND
DSCG
VREF
VSNS
VTTSNS
VOSC
COMP
CONTROL LOGIC
Zero Crossing &
Current Limit
PG
Vr -10
%
Vr +10
%
+
-
+
-
gm
+
-
Vr
+
_
VREF
R
R
Level
shifter
1.236V
Bandgap
Vr = 0.9V
NTD
NTD
NTD
NTD
HIZ
HIZ
BEN
BEN
TD
TD
Ton
UVLO
SWEN
SWEN
Vr
Anti Cross
Conduction
Ton
min
Toff
min
1-shot
1-shot
1-shot
fix
adj
DDR3
UVP/OVP
Thermal Shutdown
Table 7.
Legend
SWEN
Switching controller enable
TD
Tracking discharge enable
NTD
Non-tracking discharge enable
BEN
VTTREF buffer enable
HIZ
LDO high impedance mode enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com