Electronic Components Datasheet Search
  English  ▼

X  

PM6670S Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM6670S
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670S Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM6670S Datasheet HTML 27Page - STMicroelectronics PM6670S Datasheet HTML 28Page - STMicroelectronics PM6670S Datasheet HTML 29Page - STMicroelectronics PM6670S Datasheet HTML 30Page - STMicroelectronics PM6670S Datasheet HTML 31Page - STMicroelectronics PM6670S Datasheet HTML 32Page - STMicroelectronics PM6670S Datasheet HTML 33Page - STMicroelectronics PM6670S Datasheet HTML 34Page - STMicroelectronics PM6670S Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
PM6670S
Device description
31/53
Referring to Figure 36, the RDSon sensing technique allows high efficiency performance
without the need for an external sensing resistor. The on-resistance of the MOSFET is
affected by temperature drift and nominal value spread of the parameter itself; this must be
considered during the RILIM setting resistor design.
It must be taken into account that the current limit circuit actually regulates the inductor
valley current. This means that RILIM must be calculated to set a limit threshold given by the
maximum DC output current plus half of the inductor ripple current:
Equation 22
The PM6670S provides also a fixed negative current limit to prevent excessive reverse
inductor current when the switching section sinks current from the load in forced-PWM (3rd
quadrant working conditions). This negative current limit threshold is measured between
PHASE and PGND pins, comparing the drop magnitude on PHASE pin with an internal
110 mV fixed threshold.
7.1.6
POR, UVLO and Soft Start
The PM6670S automatically performs an internal startup sequence during the rising phase
of the analog supply of the device (AVCC). The switching controller remains in a stand-by
state until AVCC crosses the upper UVLO threshold (4.25 V typ.), keeping active the internal
discharge MOSFETs (only if AVCC > 1 V).
The soft-start allows a gradual increase of the internal current limit threshold during start-up
reducing the input/output surge currents. At the beginning of start-up, the PM6670S current
limit is set to 25 % of nominal value and the Under Voltage Protection is disabled. Then, the
current limit threshold is sequentially brought to 100 % in four steps of approximately 750
µs
(Figure 37).
Figure 37.
Soft-start waveforms
DSon
ILIM
CL
R
R
A
100
I
⋅
µ
=
S5
Current limit threshold
Switching output
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com