Electronic Components Datasheet Search
  English  ▼

X  

PM6681A Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM6681A
Description  Dual synchronous step-down controller with adjustable LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6681A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM6681A Datasheet HTML 18Page - STMicroelectronics PM6681A Datasheet HTML 19Page - STMicroelectronics PM6681A Datasheet HTML 20Page - STMicroelectronics PM6681A Datasheet HTML 21Page - STMicroelectronics PM6681A Datasheet HTML 22Page - STMicroelectronics PM6681A Datasheet HTML 23Page - STMicroelectronics PM6681A Datasheet HTML 24Page - STMicroelectronics PM6681A Datasheet HTML 25Page - STMicroelectronics PM6681A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Device description
PM6681A
22/47
Equation 5
For higher loads the inductor current doesn't cross the zero and the device works in the
same way as in PWM mode and the frequency is fixed to the nominal value.
Figure 33.
PWM and pulse skip mode inductor current
Figure 33
shows inductor current waveforms in PWM and SKIP mode. In order to keep
average inductor current equal to load current, in SKIP mode some switching cycles are
skipped. When the output ripple reaches the regulated voltage Vreg, a new cycle begins.
The off cycle duration and the switching frequency depend on the load condition.
As a result of the control technique, losses are reduced at light loads, improving the system
efficiency.
7.5
No-audible skip mode
If SKIP pin is tied to VREF, a no-audible skip mode with a minimum switching frequency of
33 kHz is enabled. At light load condition, If there is not a new switching cycle within a 30
µs
(typ.) period, a no-audible skip mode cycle begins.
Figure 34.
No audible skip mode
ON
OUT
IN
T
L
2
V
V
)
SKIP
(
ILOAD
×
×
−
=
Time
0
Inductor current
No audible skip mode
Low side
∼30us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com