Electronic Components Datasheet Search
  English  ▼

X  

PM6681A Datasheet(PDF) 37 Page - STMicroelectronics

Part # PM6681A
Description  Dual synchronous step-down controller with adjustable LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6681A Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PM6681A Datasheet HTML 33Page - STMicroelectronics PM6681A Datasheet HTML 34Page - STMicroelectronics PM6681A Datasheet HTML 35Page - STMicroelectronics PM6681A Datasheet HTML 36Page - STMicroelectronics PM6681A Datasheet HTML 37Page - STMicroelectronics PM6681A Datasheet HTML 38Page - STMicroelectronics PM6681A Datasheet HTML 39Page - STMicroelectronics PM6681A Datasheet HTML 40Page - STMicroelectronics PM6681A Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
PM6681A
Design guidelines
37/47
where
∆I
L is the inductor current ripple and VRIPPLE is the overall ripple of the T node
voltage. It should be chosen higher than approximately 30 mV.
The new closed loop gain depends on CINT. In order to ensure stability it must be verified
that:
Equation 30
Where:
Equation 31
where RTOT is the sum of the ESR of the output capacitor Rout and the equivalent ESR
given by the virtual ESR network RESR.
Moreover CINT must meet the following condition:
Equation 32
Where k is a free design parameter greater than 3 and determines the minimum integrator
capacitor value CINT:
Equation 33
C must be selected as shown:
Equation 34
R must be chosen in order to have enough ripple voltage on integrator input:
Equation 35
R1 can be selected as follows:
OUT
Z
m
INT
V
Vr
f
2
g
C
×
×
π
>
TOT
out
Z
R
C
2
1
f
×
×
π
=
TOT
out
Z
sw
R
C
2
k
f
k
f
×
×
π
=
×
>
OUT
Z
sw
m
INT
V
Vr
f
k
f
2
g
C
×
⎟
⎠
⎞
⎜
⎝
⎛
−
×
π
>
INT
C
5
C
×
>
C
R
L
R
ESR ×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com