Electronic Components Datasheet Search
  English  ▼

X  

PM6681A Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM6681A
Description  Dual synchronous step-down controller with adjustable LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6681A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM6681A Datasheet HTML 21Page - STMicroelectronics PM6681A Datasheet HTML 22Page - STMicroelectronics PM6681A Datasheet HTML 23Page - STMicroelectronics PM6681A Datasheet HTML 24Page - STMicroelectronics PM6681A Datasheet HTML 25Page - STMicroelectronics PM6681A Datasheet HTML 26Page - STMicroelectronics PM6681A Datasheet HTML 27Page - STMicroelectronics PM6681A Datasheet HTML 28Page - STMicroelectronics PM6681A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
PM6681A
Device description
25/47
7.7
soft-start and soft-end
Each switching section is enabled separately by asserting high EN1/EN2 pins respectively.
In order to realize the soft-start, at the startup the overcurrent threshold is set 25 % of the
nominal value and the undervoltage protection (see related sections) is disabled. The
controller starts charging the output capacitor working in current limit. The overcurrent
threshold is increased from 25 % to 100 % of the nominal value with steps of 25 % every
700
µs (typ.). After 2.8 ms (typ.) the undervoltage protection is enabled. The s oft start time
is not programmable. A minimum capacitor CINT is required to ensure a soft-start without
any overshoot on the output:
Equation 10
Figure 37.
Soft-start waveforms
When a switching section is turned off (EN1/EN2 pins low), the controller enters in soft-end
mode. The output capacitor is discharged through an internal 18
Ω P-MOSFET switch;
when the output voltage reaches 0.3 V, the low-side MOSFET turns on, keeping the output
to ground. The soft-end time also depends on load condition.
7.8
Gate drivers
The integrated high-current drivers allow to use different power MOSFETs. The high side
driver MOSFET uses a bootstrap circuit which is indirectly supplied by LDO5 output. The
BOOT and PHASE pins work respectively as supply and return rails for the HS driver.
The low side driver uses the internal LDO5 output for the supply rail and PGND pin as return
rail.
An important feature of the gate drivers is the adaptive anti-cross conduction protection,
which prevents high side and low side MOSFETs from being on at the same time. When the
out
L
Lvalley
INT
C
2
I
4
I
uA
6
C
×
∆
+
≥
 
EN1/EN2
Current limit threshold
Switching
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com