Electronic Components Datasheet Search
  English  ▼

X  

PM6681A Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM6681A
Description  Dual synchronous step-down controller with adjustable LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6681A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM6681A Datasheet HTML 19Page - STMicroelectronics PM6681A Datasheet HTML 20Page - STMicroelectronics PM6681A Datasheet HTML 21Page - STMicroelectronics PM6681A Datasheet HTML 22Page - STMicroelectronics PM6681A Datasheet HTML 23Page - STMicroelectronics PM6681A Datasheet HTML 24Page - STMicroelectronics PM6681A Datasheet HTML 25Page - STMicroelectronics PM6681A Datasheet HTML 26Page - STMicroelectronics PM6681A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
PM6681A
Device description
23/47
The low side switch is turned on until the output voltage crosses about Vreg+1 %. Then the
high side MOSFET is turned on for a fixed on time period. Afterwards the low side switch is
enabled until the inductor current reaches the zero-crossing threshold. This keeps the
switching frequency higher than 33 kHz. As a consequence of the control, the regulated
voltage can be slightly higher than Vreg (up to 1 %).
If, due to the load, the frequency is higher than 33 kHz, the device works like in skip mode.
No-audible skip mode reduces audio frequency noise that may occur in pulse skip mode at
very light loads, keeping the efficiency higher than in PWM mode.
7.6
Current limit
The current-limit circuit employs a “valley” current-sensing algorithm. During the conduction
time of the low side MOSFET the current flowing through it is sensed. The current-sensing
element is the low side MOSFET on-resistance (Figure 35).
Figure 35.
RDS(on) sensing technique
An internal 100
µA current source is connected to CSENSE pin and determines a voltage
drop on RCSENSE. If the voltage across the sensing element is greater than this voltage
drop, the controller doesn't initiate a new cycle. A new cycle starts only when the sensed
current goes below the current limit.
Since the current limit circuit is a valley current limit, the actual peak current limit is greater
than the current limit threshold by an amount equal to the inductor ripple current. Moreover
the maximum output current is equal to the valley current limit plus half of the inductor ripple
current:
Equation 6
The output current limit depends on the current ripple, as shown in Figure 36:
2
I
I
(max)
I
L
Lvalley
LOAD
∆
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com