Electronic Components Datasheet Search
  English  ▼

X  

STA506A Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA506A
Description  45V 4A QUAD POWER HALF BRIDGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA506A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA506A Datasheet HTML 5Page - STMicroelectronics STA506A Datasheet HTML 6Page - STMicroelectronics STA506A Datasheet HTML 7Page - STMicroelectronics STA506A Datasheet HTML 8Page - STMicroelectronics STA506A Datasheet HTML 9Page - STMicroelectronics STA506A Datasheet HTML 10Page - STMicroelectronics STA506A Datasheet HTML 11Page - STMicroelectronics STA506A Datasheet HTML 12Page - STMicroelectronics STA506A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
STA506A
Figure 9. STA506A Power Derating Curve
Figure 10. Typical Single BTL Configurationto Obtain 120W @ THD 10%, RL= 4Ω, VCC = 32V (note 1))
Note: 1. "A PWM modulator as driver is needed . In particular, this result is performed using the STA30X+STA50X demo board". Peak Pow-
er for t
≤1sec
0
10
20
30
40
50
60
0
20
40
60
80
100
120
140
160
1 –Infinite
2- 1.5C/W
3- 3 C/W
4- 4 C/W
2
3
1
4
Slug temperature C°
Pdiss(W)
10
µH
10
µH
100nF
FILM
100nF
X7R
100nF
X7R
1
µF
X7R
2200
µF
63V
470nF
FILM
100nF
FILM
100nF
10K
10K
6.2
1/2W
6.2
1/2W
100nF
X7R
100nF
X7R
Add.
IN1A
IN1A
VL
CONFIG
PWRDN
nPWRDN
FAULT
TRI-STATE
TH_WAR
TH_WAR
+3.3V
100nF
100nF
X7R
IN1B
VDD
VDD
VSS
VSS
VCCSIGN
VCCSIGN
GND-Reg
GND-Clean
IN1B
IN2A
29
23
N.C.
24
25
27
26
28
30
21
22
33
34
35
36
17
16
18
OUT1A
GND1B
OUT1A
VCC1B
10
13
11
OUT1B
GND1A
OUT1B
14
32V
330pF
22
Ω
1/2W
4
Ω
GND2A
6
2
12
VCC1A
15
VCC2B
4
VCC2A
7
3
OUT2B
GND2B
D03AU1514
OUT2B
5
19
31
20
GNDSUB
1
IN2B
32
8
9
OUT2A
OUT2A
1
µF
X7R
32V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com