Electronic Components Datasheet Search
  English  ▼

X  

STA506A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA506A
Description  45V 4A QUAD POWER HALF BRIDGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA506A Datasheet(HTML) 1 Page - STMicroelectronics

  STA506A Datasheet HTML 1Page - STMicroelectronics STA506A Datasheet HTML 2Page - STMicroelectronics STA506A Datasheet HTML 3Page - STMicroelectronics STA506A Datasheet HTML 4Page - STMicroelectronics STA506A Datasheet HTML 5Page - STMicroelectronics STA506A Datasheet HTML 6Page - STMicroelectronics STA506A Datasheet HTML 7Page - STMicroelectronics STA506A Datasheet HTML 8Page - STMicroelectronics STA506A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
STA506A
November 2004
This is preliminary information on a new product now in development. Details are subject to change without notice.
1
FEATURES
■ MULTIPOWER BCD TECHNOLOGY
■ MINIMUM INPUT OUTPUT PULSE WIDTH
DISTORTION
■ 200mΩ RdsON COMPLEMENTARY DMOS
OUTPUT STAGE
■ CMOS COMPATIBLE LOGIC INPUTS
■ THERMAL PROTECTION
■ THERMAL WARNING OUTPUT
■ UNDER VOLTAGE PROTECTION
■ SHORT CIRCUIT PROTECTION
2
DESCRIPTION
STA506A is a monolithic quad half bridge stage in
Multipower BCD Technology.
The device can be used as dual bridge or reconfig-
ured, by connecting CONFIG pin to Vdd pin, as single
bridge with double current capability, and as half
bridge (Binary mode) with half current capability.
The device is particularly designed to make the out-
put stage of a stereo All-Digital High Efficiency
(DDX™) amplifier capable to deliver 60 + 60W @
THD = 10% at Vcc 32V output power on 8Ω load and
80W @ THD = 10% at VCC 36V on 8Ω load in single
BTL configuration. In single BTL configuration is also
capable to deliver a peak of 120W @THD = 10% at
VCC = 32V on 4Ω load. The input pins have threshold
proportional to VL pin voltage.
PRODUCT PREVIEW
45V 4A QUAD POWER HALF BRIDGE
Figure 2. Application Circuit (Dual BTL)
L18 22
µH
L19 22
µH
C30
1
µF
C20
100nF
C99
100nF
C101
100nF
C107
100nF
C106
100nF
C23
470nF
C55
1000
µF
C21
100nF
C58
100nF
C58
100nF
R57
10K
R59
10K
R63
20
R98
6
R100
6
C53
100nF
C60
100nF
C31
1
µF
C52
330pF
R104
20
C109
330pF
15
M3
IN1A
IN1A
VL
CONFIG
PWRDN
PWRDN
FAULT
TRI-STATE
TH_WAR
TH_WAR
+3.3V
IN1B
VDD
VDD
VSS
VSS
VCCSIGN
VCCSIGN
GND-Reg
GND-Clean
IN2A
IN1B
IN2A
IN2B
PROTECTIONS
&
LOGIC
REGULATORS
29
23
24
25
27
26
28
30
21
22
33
34
35
36
M2
M5
M4
17
16
OUT1A
GND1A
OUT1A
VCC1A
14
12
10
11
OUT1B
GND1B
OUT1B
VCC1B
13
L113 22
µH
L112 22
µH
C32
1
µF
+VCC
C108
470nF
C33
1
µF
7
M17
M15
M16
M14
8
9
OUT2A
GND2A
OUT2A
VCC2A
6
4
2
3
OUT2B
GND2B
D00AU1148B
OUT2B
VCC2B
5
19
31
20
GNDSUB
1
IN2B
32
C110
100nF
C111
100nF
R103
6
R102
6
8
Ω
8
Ω
REV. 2
Figure 1. Package
Table 1. Order Codes
Part Number
Package
STA506A
Power SO36 (Slug Up)
PowerSO36


Similar Part No. - STA506A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA506A SANKEN-STA506A Datasheet
23Kb / 1P
N-channel General purpose
More results

Similar Description - STA506A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
40V 4A QUAD POWER HALF BRIDGE
Jun-2004
logo
IXYS Corporation
IX4R11 IXYS-IX4R11 Datasheet
616Kb / 6P
4A Half-Bridge Driver
logo
STMicroelectronics
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
30V/4A Half Bridge Driver
logo
Monolithic Power System...
MP8044 MPS-MP8044 Datasheet
396Kb / 9P
22V, 4A Dual Channel Power Half-Bridge
logo
Rohm
RVQ040N05FRA ROHM-RVQ040N05FRA Datasheet
786Kb / 14P
Nch 45V 4A Power MOSFET
logo
STMicroelectronics
STA501A STMICROELECTRONICS-STA501A Datasheet
111Kb / 9P
45V 3.5A DOUBLE POWER HALF BRIDGE
Rev. 1
logo
Monolithic Power System...
MP8048 MPS-MP8048 Datasheet
302Kb / 10P
22V, 4A Quad Channel Power Half-Bridge
EV8048DQK-00A MPS-EV8048DQK-00A Datasheet
338Kb / 8P
22V, 4A Quad Channel Power Half-Bridge Evaluation Board
logo
STMicroelectronics
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
45V 3.5A QUAD POWER HALF BRIDGE
REV. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com