Electronic Components Datasheet Search
  English  ▼

X  

STA506A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA506A
Description  45V 4A QUAD POWER HALF BRIDGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA506A Datasheet(HTML) 5 Page - STMicroelectronics

  STA506A Datasheet HTML 1Page - STMicroelectronics STA506A Datasheet HTML 2Page - STMicroelectronics STA506A Datasheet HTML 3Page - STMicroelectronics STA506A Datasheet HTML 4Page - STMicroelectronics STA506A Datasheet HTML 5Page - STMicroelectronics STA506A Datasheet HTML 6Page - STMicroelectronics STA506A Datasheet HTML 7Page - STMicroelectronics STA506A Datasheet HTML 8Page - STMicroelectronics STA506A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
STA506A
Notes: 1. The following table explains the VLOW, VHIGH variation with VL
Table 8.
Note 2: see relevant Application Note AN1994
Table 9. Logic Truth Table (see fig. 4)
VIN-L
Low level input voltage
VL/2 -
300mV
V
IIN-H
Hi level Input current
Pin Voltage = VL
1
µA
IIN-L
Low level input current
Pin Voltage = 0.3V
1
µA
IPWRDN-H Hi level PWRDN pin input current
VL = 3.3V
35
µA
VLOW
Low logical state voltage VLow
(pin PWRDN, TRISTATE) (note 1)
VL = 3.3V
0.8
V
VHIGH
High logical state voltage VHigh
(pin PWRDN, TRISTATE) (note 1)
VL = 3.3V
1.7
V
IVCC-
PWRDN
Supply CURRENT from Vcc in
Power Down
PWRDN = 0
3
mA
IFAULT
Output Current pins
FAULT -TH-WARN when
FAULT CONDITIONS
Vpin = 3.3V
1
mA
IVCC-hiz
Supply Current from Vcc in Tri-
state
VCC = 30V; Tri-state = 0
22
mA
IVCC
Supply Current from Vcc in
operation
both channel switching)
VCC =30V;
Input Pulse width = 50% Duty;
Switching Frequency = 384KHz;
No LC filters;
50
mA
IVCC-q
Isc (short circuit current limit)
(note 2)
46
8
A
VUV
Undervoltage protection threshold
7
V
tpw_min
Output minimum pulse width
No Load
70
150
ns
VL
VLOW min
VHIGH max
Unit
2.7
0.7
1.5
V
3.3
0.8
1.7
V
5
0.85
1.85
V
TRI-STATE
INxA
INxB
Q1
Q2
Q3
Q4
OUTPUT
MODE
0
x
x
OFF
OFF
OFF
OFF
Hi-Z
1
0
0
OFF
OFF
ON
ON
DUMP
1
0
1
OFF
ON
ON
OFF
NEGATIVE
1
1
0
ON
OFF
OFF
ON
POSITIVE
1
1
1
ON
ON
OFF
OFF
Not used
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 7. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com