Electronic Components Datasheet Search
  English  ▼

X  

STA506A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA506A
Description  45V 4A QUAD POWER HALF BRIDGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA506A Datasheet(HTML) 4 Page - STMicroelectronics

  STA506A Datasheet HTML 1Page - STMicroelectronics STA506A Datasheet HTML 2Page - STMicroelectronics STA506A Datasheet HTML 3Page - STMicroelectronics STA506A Datasheet HTML 4Page - STMicroelectronics STA506A Datasheet HTML 5Page - STMicroelectronics STA506A Datasheet HTML 6Page - STMicroelectronics STA506A Datasheet HTML 7Page - STMicroelectronics STA506A Datasheet HTML 8Page - STMicroelectronics STA506A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
STA506A
4/14
Table 4. Absolute Maximum Ratings
Table 5. (*) Recommended Operating Conditions
(*) Performances not guaranteed beyond recommended Operating Conditions
Table 6. Thermal Data
Table 7. Electrical Characteristcs: refer to circuit in Fig.1 (VL = 3.3V; VCC = 32V; RL = 8Ω;
fsw = 384KHz; Tamb = 25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Pin 4,7,12,15)
45
V
Vmax
Maximum Voltage on pins 23 to 32 (logic reference)
5.5
V
Ptot
Power Dissipation (Tcase = 70°C)
50
W
Top
Operating Temperature Range
0 to 70
°C
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
DC Supply Voltage
10
40
V
VL
Input Logic Reference
2.7
3.3
5.0
v
Tamb
Ambient Temperature
0
70
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
Tj-case
Thermal Resistance Junction to Case (thermal pad)
1.5
°C/W
TjSD
Thermal shut-down junction temperature
150
°C
Twarn
Thermal warning temperature
130
°C
thSD
Thermal shut-down hysteresis
25
°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RdsON
Power Pchannel/Nchannel
MOSFET RdsON
Id=1A
200
270
m
Ω
Idss
Power Pchannel/Nchannel
leakage Idss
VCC =35V
50
µA
gN
Power Pchannel RdsON Matching Id=1A
95
%
gP
Power Nchannel RdsON
Matching
Id=1A
95
%
Dt_s
Low current Dead Time (static)
see test circuit no.1; see fig. 3
10
20
ns
Dt_d
High current Dead Time (dinamic) L=22
µH; C = 470nF; RL = 8 Ω
Id=3.5A; see fig. 5
50
ns
td ON
Turn-on delay time
Resistive load
100
ns
td OFF
Turn-off delay time
Resistive load
100
ns
tr
Rise time
Resistive load; as fig.3
25
ns
tf
Fall time
Resistive load; as fig. 3
25
ns
VCC
Supply voltage operating voltage
10
40
V
VIN-H
High level input voltage
VL/2
+300mV
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com