Electronic Components Datasheet Search
  English  ▼

X  

ST72F321BAR7TCRE Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST72F321BAR7TCRE
Description  8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321BAR7TCRE Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST72F321BAR7TCRE Datasheet HTML 82Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 83Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 84Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 85Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 86Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 87Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 88Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 89Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 247 page
background image
Watchdog timer (WDG)
ST72321Bxxx-Auto
86/247
10.9
Register description
10.9.1
Control register (WDGCR)
WDGCR
Reset value: 0111 1111 (7Fh)
7
654
32
10
WDGA
T[6:0]
RW
RW
Table 35.
WDGCR register description
Bit
Name
Function
7WDGA
Activation bit
This bit is set by software and only cleared by hardware after a reset. When
WDGA = 1, the watchdog can generate a reset.
0: Watchdog disabled
1: Watchdog enabled
Note: This bit is not used if the hardware watchdog option is enabled by option byte.
6:0
T[6:0]
7-bit counter (MSB to LSB)
These bits contain the value of the watchdog counter. It is decremented every 16384
fOSC2 cycles (approx.). A reset is produced when it rolls over from 40h to 3Fh (T6
becomes cleared).
Table 36.
Watchdog timer register map and reset values
Address
(Hex.)
Register
label
7654
3210
002Ah
WDGCR
Reset Value
WDGA
0
T6
1
T5
1
T4
1
T3
1
T2
1
T1
1
T0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com