Electronic Components Datasheet Search
  English  ▼

X  

ST72F321BAR7TCRE Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST72F321BAR7TCRE
Description  8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321BAR7TCRE Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST72F321BAR7TCRE Datasheet HTML 83Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 84Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 85Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 86Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 87Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 88Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 89Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 90Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 247 page
background image
ST72321Bxxx-Auto
Main clock controller with real-time clock and beeper (MCC/RTC)
87/247
11
Main clock controller with real-time clock and beeper
(MCC/RTC)
11.1
Introduction
The Main Clock Controller consists of three different functions:
●
a programmable CPU clock prescaler
●
a clock-out signal to supply external devices
●
a real-time clock timer with interrupt capability
Each function can be used independently and simultaneously.
11.2
Programmable CPU clock prescaler
The programmable CPU clock prescaler supplies the clock for the ST7 CPU and its internal
peripherals. It manages Slow power saving mode (see Section 8.2: Slow mode on page 67
for more details).
The prescaler selects the fCPU main clock frequency and is controlled by three bits in the
MCCSR register: CP[1:0] and SMS.
11.3
Clock-out capability
The clock-out capability is an alternate function of an I/O port pin that outputs a fCPU clock to
drive external devices. It is controlled by the MCO bit in the MCCSR register.
Caution:
When selected, the clock out pin suspends the clock during Active Halt mode.
11.4
Real-time clock timer (RTC)
The counter of the real-time clock timer allows an interrupt to be generated based on an
accurate real-time clock. Four different time bases depending directly on fOSC2 are available.
The whole functionality is controlled by four bits of the MCCSR register: TB[1:0], OIE and
OIF.
When the RTC interrupt is enabled (OIE bit set), the ST7 enters Active Halt mode when the
HALT instruction is executed. See Section 8.4: Active Halt and Halt modes on page 69 for
more details.
11.5
Beeper
The beep function is controlled by the MCCBCR register. It can output three selectable
frequencies on the BEEP pin (I/O port alternate function).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com