Electronic Components Datasheet Search
  English  ▼

X  

ST72F321BAR7TCRE Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST72F321BAR7TCRE
Description  8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321BAR7TCRE Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST72F321BAR7TCRE Datasheet HTML 91Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 92Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 93Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 94Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 95Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 96Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 97Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 98Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 247 page
background image
ST72321Bxxx-Auto
PWM auto-reload timer (ART)
95/247
Figure 37.
PWM auto-reload timer function
Figure 38.
PWM signal from 0% to 100% duty cycle
12.2.6
Output compare and time base interrupt
On overflow, the OVF flag of the ARTCSR register is set and an overflow interrupt request is
generated if the overflow interrupt enable bit, OIE, in the ARTCSR register, is set. The OVF
flag must be reset by the user software. This interrupt can be used as a time base in the
application.
12.2.7
External clock and event detector mode
Using the fEXT external prescaler input clock, the auto-reload timer can be used as an
external clock event detector. In this mode, the ARTARR register is used to select the
nEVENT number of events to be counted before setting the OVF flag.
nEVENT = 256 - ARTARR
Caution:
The external clock function is not available in Halt mode. If Halt mode is used in the
application, prior to executing the HALT instruction, the counter must be disabled by clearing
the TCE bit in the ARTCSR register to avoid spurious counter increments.
DUTY CYCLE
REGISTER
AUTO-RELOAD
REGISTER
t
255
000
WITH OEx=1
AND OPx=0
(ARTARR)
(PWMDCRx)
WITH OEx=1
AND OPx=1
COUNTER
t
FDh
FEh
FFh
FDh
FEh
FFh
FDh
FEh
OCRx=FCh
OCRx=FDh
OCRx=FEh
OCRx=FFh
ARTARR = FDh
fCOUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com