Electronic Components Datasheet Search
  English  ▼

X  

ST72F321BAR7TCRE Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST72F321BAR7TCRE
Description  8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321BAR7TCRE Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST72F321BAR7TCRE Datasheet HTML 97Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 98Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 99Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 100Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 101Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 102Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 103Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 104Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 247 page
background image
ST72321Bxxx-Auto
PWM auto-reload timer (ART)
101/247
12.3.5
Duty cycle registers (PWMDCRx)
A PWMDCRx register is associated with the OCRx register of each PWM channel to
determine the second edge location of the PWM signal (the first edge location is common to
all channels and given by the ARTARR register). These PWMDCR registers allow the duty
cycle to be set independently for each PWM channel.
12.3.6
Input capture control / status register (ARTICCSR)
PWMDCRx
Reset value: 0000 0000 (00h)
7
654
32
10
DC[7:0]
RW
Table 51.
PWMDCRx register description
Bit
Name
Function
7:0
DC[7:0]
Duty Cycle Data
These bits are set and cleared by software.
ARTICCSR
Reset value: 0000 0000 (00h)
7
654
32
10
Reserved
CS[2:1]
CIE[2:1]
CF[2:1]
-
RWRWRW
Table 52.
ARTICCSR register description
Bit
Name
Function
7:6
-
Reserved, always read as 0.
5:4
CS[2:1]
Capture Sensitivity
These bits are set and cleared by software. They determine the trigger event
polarity on the corresponding input capture channel.
0: Falling edge triggers capture on channel x
1: Rising edge triggers capture on channel x
3:2
CIE[2:1]
Capture Interrupt Enable
These bits are set and cleared by software. They enable or disable the Input
capture channel interrupts independently.
0: Input capture channel x interrupt disabled
1: Input capture channel x interrupt enabled
1:0
CF[2:1]
Capture Flag
These bits are set by hardware and cleared by software reading the
corresponding ARTICRx register. Each CFx bit indicates that an input capture x
has occurred.
0: No input capture on channel x
1: An input capture has occurred on channel x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com