Electronic Components Datasheet Search
  English  ▼

X  

ST72F321BAR7TCRE Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST72F321BAR7TCRE
Description  8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321BAR7TCRE Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST72F321BAR7TCRE Datasheet HTML 112Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 113Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 114Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 115Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 116Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 117Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 118Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 119Page - STMicroelectronics ST72F321BAR7TCRE Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 247 page
background image
16-bit timer
ST72321Bxxx-Auto
116/247
Figure 54.
Pulse width modulation cycle flowchart
If OLVL1 = 1 and OLVL2 = 0 the length of the positive pulse is the difference between the
OC2R and OC1R registers.
If OLVL1 = OLVL2 a continuous signal will be seen on the OCMP1 pin.
The OCiR register value required for a specific timing application can be calculated using
the following formula:
Where:
t
= Signal or pulse period (in seconds)
fCPU
= CPU clock frequency (in hertz)
PRESC = Timer prescaler factor (2, 4 or 8 depending on CC[1:0] bits; see Table 60:
Timer clock selection)
If the timer clock is an external clock the formula is:
Where:
t
= Signal or pulse period (in seconds)
fEXT
= External timer clock frequency (in hertz)
The Output Compare 2 event causes the counter to be initialized to FFFCh (see Figure 53).
Note:
1
After a write instruction to the OCiHR register, the output compare function is inhibited until
the OCiLR register is also written.
2
The OCF1 and OCF2 bits cannot be set by hardware in PWM mode therefore the Output
Compare interrupt is inhibited.
3
The ICF1 bit is set by hardware when the counter reaches the OC2R value and can produce
a timer interrupt if the ICIE bit is set and the I bit is cleared.
4
In PWM mode the ICAP1 pin cannot be used to perform input capture because it is
disconnected to the timer. The ICAP2 pin can be used to perform input capture (ICF2 can be
set and IC2R can be loaded) but the user must take care that the counter is reset each
period and ICF1 can also generates interrupt if ICIE is set.
5
When the Pulse Width Modulation (PWM) and One Pulse Mode (OPM) bits are both set, the
PWM mode is the only active one.
Counter
OCMP1 = OLVL2
Counter
= OC2R
OCMP1 = OLVL1
When
When
= OC1R
Counter is reset
to FFFCh
ICF1 bit is set
OCiR value =
t * fCPU
PRESC
- 5
OCiR = t * fEXT -5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com