Electronic Components Datasheet Search
  English  ▼

X  

IR3721 Datasheet(PDF) 4 Page - International Rectifier

Part # IR3721
Description  Power Monitor IC with Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3721 Datasheet(HTML) 4 Page - International Rectifier

  IR3721 Datasheet HTML 1Page - International Rectifier IR3721 Datasheet HTML 2Page - International Rectifier IR3721 Datasheet HTML 3Page - International Rectifier IR3721 Datasheet HTML 4Page - International Rectifier IR3721 Datasheet HTML 5Page - International Rectifier IR3721 Datasheet HTML 6Page - International Rectifier IR3721 Datasheet HTML 7Page - International Rectifier IR3721 Datasheet HTML 8Page - International Rectifier IR3721 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IR3721
DATA SHEET
Page 4 of 16
www.irf.com
07/14/08
IC PIN FUNCTIONS
VDD PINS
These pins provide operational bias current to circuits
internal to the IR3721. Bypass them with a high
quality ceramic capacitor to the GND pins.
GND PINS
These pins return operational bias current to system
ground. VO is measured with respect to GND. The
GND pin sinks reference current established by the
external resistor RT.
VO PIN
Since this pin measures DCR voltage drop it is critical
that it be Kelvin connected to the buck inductor
output. Power accuracy may be degraded if the
voltage at this pin is below VOmin.
VCS PIN
A switched current source internal to the IR3721
maintains the average voltage of this pin equal to the
voltage of the VO pin. The average current into this
pin is therefore proportional to buck inductor current.
VRT PIN
A voltage reference internal to the IR3721 drives the
VRT pin while the pin current is monitored and used to
set the amplitude of the current monitor switched
current source IREF. Connect this pin to GND through
a precision resistor network RT. This network may
include provision for canceling the positive
temperature coefficient of the buck inductor’s DC
resistance (DCR).
VK PIN
The voltage of the VK pin is used to modulate the
amplitude of the DI pin. This is one of the terms used
to determine the product of the multiplier output. If VK
is connected to a fixed voltage then the output of the
multiplier is proportional to current. If VK is connected
to the buck converter output voltage then the output
of the DI driven RC filter is proportional to power.
DI PIN
The Dl pin output has a duty ratio proportional to the
current into VCS, and an amplitude equal to the
voltage at the VK pin. The DI pin is intended to drive
an external low pass filter. The output of this filter is
the product of the current and voltage terms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com