Electronic Components Datasheet Search
  English  ▼

X  

IR3721 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3721
Description  Power Monitor IC with Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3721 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3721 Datasheet HTML 7Page - International Rectifier IR3721 Datasheet HTML 8Page - International Rectifier IR3721 Datasheet HTML 9Page - International Rectifier IR3721 Datasheet HTML 10Page - International Rectifier IR3721 Datasheet HTML 11Page - International Rectifier IR3721 Datasheet HTML 12Page - International Rectifier IR3721 Datasheet HTML 13Page - International Rectifier IR3721 Datasheet HTML 14Page - International Rectifier IR3721 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IR3721
DATA SHEET
Page 11 of 16
www.irf.com
07/14/08
LAYOUT GUIDELINES
Refer to figures 7 through 11 for guidance laying out
the IR3721. These guidelines also apply to resistive
current sensing. The following guidelines will
minimize sources of noise and error, which is
required because millivolt level signals correspond to
amps of inductor current.
1. Place the capacitor Ccs2 close to the VO and
VCS pins of the IR3721. Treat VO and VCS as a
differential signal pair back to the IC as shown in
the elliptical area designated #1 of figure 8.
2. Sense the inductor (or shunt) Kelvin style at its
terminals. Route the leads back as a differential
pair. Refer to area #2 of figure 8.
3. Route signal VOUT back to the IC VK pin on its
own dedicated trace. Refer to area #3 of figure 8.
4. Place the thermistor near the inductor. Refer to
area #4 of figure 8. Route the thermistor leads
back to the rest of the network using differential
traces. Mount the rest of the thermistor network
consisting of Rs, Rp, and R1 close to the IC.
5. Use an isolated dedicated ground plane
connected only to components associated with
the IR3721 that connect to GND as shown in
figure 9. Connect this dedicated ground plane at
one location only to the ground of the monitored
voltage. The thermally relived via in figure eight
illustrates this connection.
6. Bypass IC VDD pin 5 to GND pin 4 with a high
quality 0.1 μF ceramic capacitor. Refer to area #6
of figure 8.
7. Bypass the IC VK pin to GND with a high quality
0.1 μF ceramic capacitor. Refer to area #7 of
figure 8.
DI_FILT
GND
Rs
C_VK
0.1uF
Rth
Rp
R1
R_DI_FILT
C_DI_FILT
VOUT
U1
IR3721
CS
1
VO
2
RT
3
GND_1
4
VCC
5
GND_4
6
GND_3
7
DI
8
VK
9
VCC_1
10
C_VDD
0.1uF
Rcs1
L1
1
2
Ccs1
VOUT
VDD
Rcs2
Ccs2
0
Figure 7 Example schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com