Electronic Components Datasheet Search
  English  ▼

X  

IR3721 Datasheet(PDF) 5 Page - International Rectifier

Part # IR3721
Description  Power Monitor IC with Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3721 Datasheet(HTML) 5 Page - International Rectifier

  IR3721 Datasheet HTML 1Page - International Rectifier IR3721 Datasheet HTML 2Page - International Rectifier IR3721 Datasheet HTML 3Page - International Rectifier IR3721 Datasheet HTML 4Page - International Rectifier IR3721 Datasheet HTML 5Page - International Rectifier IR3721 Datasheet HTML 6Page - International Rectifier IR3721 Datasheet HTML 7Page - International Rectifier IR3721 Datasheet HTML 8Page - International Rectifier IR3721 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
IR3721
DATA SHEET
Page 5 of 16
www.irf.com
07/14/08
FUNCTIONAL DESCRIPTION
Please refer to the Functional Description Diagram
below. Power flow from the buck converter inductor is
the product of output voltage times the current IL
flowing through the inductor.
Power is measured with the aid of International
Rectifier’s proprietary TruePower™ circuit. Current is
converted to a duty ratio that appears at the DI pin.
The duty ratio of the DI pin is
Τ
⋅
)
+
(
⋅
=
R
T
2
CS
1
CS
L
RATIO
DUTY
V
R
R
R
DCR
I
DI
Equation 1
The full-scale current that can be measured
corresponds to a duty ratio of one.
The amplitude of the DI pin is the voltage appearing
at pin VK. If a fixed voltage is applied to VK then the
output of the RC filter driven by DI will be proportional
to inductor current IL.
If VO is applied to VK as shown in the figure then the
output of the DI driven RC network will be
proportional to power. The full-scale voltage that can
be measured is established on the chip to be 1.8V.
The full scale power PFS that can be measured is the
product of full-scale voltage and full scale current.
RT
RCS2
GND
Vo
CCS2
DI
Power
RCS1
CCS1
L
DCR
VRT
VDD
IR3721
VK
VCS
IL
VO
Vin
Figure 1 Functional Description Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com