Electronic Components Datasheet Search
  English  ▼

X  

IR3721 Datasheet(PDF) 9 Page - International Rectifier

Part # IR3721
Description  Power Monitor IC with Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3721 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3721 Datasheet HTML 5Page - International Rectifier IR3721 Datasheet HTML 6Page - International Rectifier IR3721 Datasheet HTML 7Page - International Rectifier IR3721 Datasheet HTML 8Page - International Rectifier IR3721 Datasheet HTML 9Page - International Rectifier IR3721 Datasheet HTML 10Page - International Rectifier IR3721 Datasheet HTML 11Page - International Rectifier IR3721 Datasheet HTML 12Page - International Rectifier IR3721 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
IR3721
DATA SHEET
Page 9 of 16
www.irf.com
07/14/08
COMPONENT SELECTION GUIDELINES
Use a 0.1 μF, 6.3V, X7R ceramic bypass capacitor
from VDD to GND and from VK to GND.
Filter the DI output with an RC filter to give a stable
analog representation of the current or power. Some
of the DI source resistance of this filter is internal to
the IR3721 and specified in the electrical
specifications table. Add twenty thousand to fifty
thousand additional ohms externally to minimize
resistance variation. As the DI source resistance
increases beyond these guidelines, the voltage
measurement error caused by non-ideal voltmeter
conductance will increase.
Select a filter capacitor that limits 512 kHz sampling
frequency ripple to an acceptable value. Sampling
frequency ripple will appear as an error, but can be
reduced 20 dB for each decade that the filter corner
frequency is below 512 kHz. Select a capacitor value
that achieves the desired balance between low
sampling frequency ripple and adequate bandwidth.
Resistor current sensing
For resistor current sensing select a precision resistor
for RT inside the RT resistance range limits specified
in the Electrical Specifications table, such as 25.5kΩ
and 1% tolerance.
Next, select a shunt resistor that will provide the most
current sensing voltage while also considering the
allowable power dissipation limitations. The DI output
will saturate to the VK voltage when full scale current
IFS flows through this shunt. Recommended
maximum current sensing voltage range is 5 to 150
mV. Maximum sensing voltages less than 5 mV will
cause comparator input offset voltage errors to
dominate, and voltages larger than 150 mV will cause
comparator leakage current, ICS, errors to dominate.
Select RCS2 to be the next higher standard value
resistor from (RSHUNT·IFS·RT) / VRT in order to
accommodate full scale current IFS.
Bypass VCS to VO with capacitor CCS2. The value of
this capacitor limits the bandwidth, but is required
because it is the integrator of the delta sigma
modulator. Consider selecting the value of CCS2 to
place a filter corner frequency at 5 kHz, which will
reduce sampling ripple by 40 dB.
DCR current sensing
Select an RT network resistance between 20kΩ and
45.3kΩ. Consider the RT network of Figure 5 for DCR
current sensing.
26.1 kΩ, 1%
15.0 kΩ, 1%
2.00 kΩ, 1%
Murata Thermistor
NCP15WB473F03RC
47 kΩ, 1%
Figure 5 RT network
The resistance of the network above at 25°C, RT(25),
is 37.58kΩ. Over temperature RT(T) is multiplied by
copper resistance, DCR(25)·(1+(T-25)·0.0039),
divided by (DCR(25)·( RT(25)) to normalize the
results, and plotted as nominal error in Figure 6.
-5%
-4%
-3%
-2%
-1%
0%
1%
2%
3%
4%
5%
020
40
60
80
100
Temperature [°C]
Figure 6 Nominal error vs. Temperature
Note that the error due to temperature compensation
at 25°C is zero, assuming ideal RT components. At
other temperatures the results are over or under
reported by the factor in percent indicated.
Proceed to calculate RSUM, defined as the sum of
RCS1 plus RCS2, as follows.
RSUM=IFS·DCR(25) ·RT(25) / VRT
Again, IFS is full scale current and VRT is the reference
voltage establishing the current in RT.
Estimate the capacitance CCS1 with the following
equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com