Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720105DRVR
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS720105DRVR Datasheet(HTML) 3 Page - Texas Instruments

  TPS720105DRVR Datasheet HTML 1Page - Texas Instruments TPS720105DRVR Datasheet HTML 2Page - Texas Instruments TPS720105DRVR Datasheet HTML 3Page - Texas Instruments TPS720105DRVR Datasheet HTML 4Page - Texas Instruments TPS720105DRVR Datasheet HTML 5Page - Texas Instruments TPS720105DRVR Datasheet HTML 6Page - Texas Instruments TPS720105DRVR Datasheet HTML 7Page - Texas Instruments TPS720105DRVR Datasheet HTML 8Page - Texas Instruments TPS720105DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ELECTRICAL CHARACTERISTICS
TPS720xx
www.ti.com ................................................................................................................................................ SBVS100C – JUNE 2008 – REVISED SEPTEMBER 2008
Over operating temperature range (TJ = –40°C to +125°C), VBIAS = (VOUT + 1.4V) or 2.5V (whichever is greater); VIN ≥ VOUT +
0.5V, IOUT = 1mA, VEN = 1.1V, COUT = 2.2µF, unless otherwise noted. Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBIAS or
VIN
Input voltage range
1.1(1)
V
4.5(2)
VBIAS
Bias voltage range
2.5
5.5
V
Output voltage range(4)
0.9
3.6
V
Nominal
TJ = +25°C
–3.0
+3.0
mV
VOUT + 1.4V ≤ VBIAS ≤ 5.5V,
Over VBIAS, VIN, IOUT,
VOUT + 0.5V ≤ VIN ≤ 4.5V,
–2.0
+2.0
%
TJ = –40°C to +125°C
0mA
≤ IOUT ≤ 350mA
VOUT
(3)
Output
VOUT + 1.4V ≤ VBIAS ≤ 5.5V,
accuracy
Over VBIAS, VIN, IOUT,
VOUT + 0.5V ≤ VIN ≤ 4.5V,
–1.0
+1.0
%
TJ = –10°C to +85°C
0mA
≤ IOUT ≤ 350mA
1.6V
≤ VOUT ≤ 3.3V
VOUT + 1.4V ≤ VBIAS ≤ 5.5V,
VIN floating
±1.0
%
0
µA ≤ I
OUT ≤ 500µA
ΔVOUT/ΔVIN
VIN line regulation
VIN = (VOUT + 0.5V) to 4.5V, IOUT = 1mA
16
µV/V
VBIAS = (VOUT + 1.4V) or 2.5V (whichever is
ΔVOUT/ΔVBIAS VBIAS line regulation
16
µV/V
greater) to 5.5V, IOUT = 1mA
VIN line transient
ΔVIN = 400mV, tRISE = tFALL = 1µs
±200
µV
VBIAS line transient
ΔVBIAS = 600mV, tRISE = tFALL = 1µs
±0.8
mV
ΔVOUT/ΔIOUT Load regulation
0mA
≤ IOUT ≤ 350mA (no load to full load)
–15
µV/mA
Load transient
0mA
≤ IOUT ≤ 350mA, tRISE = tFALL = 1µs
±15
mV
VIN = VOUT(NOM) – 0.1V,
VDO_IN
VIN dropout voltage
(5)
(VBIAS – VOUT(NOM)) = 1.4V,
110
200
mV
IOUT = 350mA
VDO_BIAS
VBIAS dropout voltage
(6)
VIN = VOUT(NOM) + 0.3V, IOUT = 350mA
1.09
1.4
V
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
420
525
800
mA
IOUT = 100µA
38
µA
IGND
Ground pin current
IOUT = 0mA to 350mA
54
80
µA
ISHDN
Shutdown current (IGND)
VEN ≤ 0.4V, TJ = -40°C to +85°C
0.5
2
µA
f = 10Hz
85
dB
f = 100Hz
85
dB
VIN – VOUT ≥ 0.5V,
f = 1kHz
85
dB
VIN power-supply rejection ratio
VBIAS = VOUT + 1.4V,
f = 10kHz
80
dB
IOUT = 350mA
f = 100kHz
70
dB
f = 1MHz
50
dB
PSRR
f = 10Hz
80
dB
f = 100Hz
80
dB
VIN – VOUT ≥ 0.5V,
f = 1kHz
75
dB
VBIAS power-supply rejection ratio
VBIAS = VOUT + 1.4V,
f = 10kHz
65
dB
IOUT = 350mA
f = 100kHz
55
dB
f = 1MHz
35
dB
BW = 10Hz to 100kHz, VBIAS ≥ 2.5V,
VN
Output noise voltage
48
µV
RMS
VIN = VOUT + 0.5V
VBIAS = (VOUT +1.4V) or 2.5V (whichever is
100 +
IVIN_INRUSH
Inrush current on VIN
mA
greater), VIN = VOUT + 0.5V
ILOAD
(1)
Performance specifications are ensured up to a minimum VIN = VOUT + 0.5V.
(2)
Whichever is less.
(3)
Minimum VBIAS = (VOUT + 1.4V) or 2.5V (whichever is greater) and VIN= VOUT + 0.5V.
(4)
VO nominal value is factory programmable through the onchip EEPROM.
(5)
Measured for devices with VOUT(NOM) ≥ 1.2V.
(6)
VBIAS – VOUT with VOUT = VOUT(NOM) – 0.1V. Measured for devices with VOUT(NOM) ≥ 1.8V.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com