Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720105DRVR
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS720105DRVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS720105DRVR Datasheet HTML 6Page - Texas Instruments TPS720105DRVR Datasheet HTML 7Page - Texas Instruments TPS720105DRVR Datasheet HTML 8Page - Texas Instruments TPS720105DRVR Datasheet HTML 9Page - Texas Instruments TPS720105DRVR Datasheet HTML 10Page - Texas Instruments TPS720105DRVR Datasheet HTML 11Page - Texas Instruments TPS720105DRVR Datasheet HTML 12Page - Texas Instruments TPS720105DRVR Datasheet HTML 13Page - Texas Instruments TPS720105DRVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
1mV/div
V
OUT
V
BIAS
200mV/div
100 s/div
m
2.7V
3.3V
10mV/div
V
OUT
I
OUT
100mA/div
100 s/div
m
0mA
300mA
TPS720xx
SBVS100C – JUNE 2008 – REVISED SEPTEMBER 2008 ................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VBIAS = (VOUT + 1.4V) or 2.5V (whichever is greater);
VIN = VOUT + 0.5V, IOUT = 1mA, VEN = 1.1V, COUT = 2.2µF, unless otherwise noted. Typical values are at TJ = +25°C.
VBIAS LINE TRANSIENT RESPONSE
VIN = 1.8V, VOUT = 1.3V, VBIAS = 2.7V to 3.3V,
LOAD TRANSIENT RESPONSE
VBIAS SLEW RATE = 600m/µs, IOUT = 350mA
VIN = 1.8V, VOUT = 1.3V, VBIAS = 2.7V, tRISE = 1µs
Figure 25.
Figure 26.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com