Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720105DRVR
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS720105DRVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS720105DRVR Datasheet HTML 5Page - Texas Instruments TPS720105DRVR Datasheet HTML 6Page - Texas Instruments TPS720105DRVR Datasheet HTML 7Page - Texas Instruments TPS720105DRVR Datasheet HTML 8Page - Texas Instruments TPS720105DRVR Datasheet HTML 9Page - Texas Instruments TPS720105DRVR Datasheet HTML 10Page - Texas Instruments TPS720105DRVR Datasheet HTML 11Page - Texas Instruments TPS720105DRVR Datasheet HTML 12Page - Texas Instruments TPS720105DRVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
100
80
60
40
20
0
10
100
1k
1M
10k
100k
10M
Frequency(Hz)
I
=350mA
OUT
(V
V
-
IN
OUT)=350mV
(V
V
IN
OUT
-
)=300mV
(V
V
IN
OUT
-
)=250mV
100
80
60
40
20
0
10
100
1k
1M
10k
100k
10M
Frequency(Hz)
I
=1mA
OUT
I
=350mA
OUT
(V
V
IN
OUT
-
)=0.5V
(V
V
BIAS
OUT
-
)=1.4V
500mV/div
V
OUT
I
IN
EN
50mA/div
200mV/div
20 s/div
m
V
=1.3V
OUT
I
=110mA
IN-PEAK
10
1
0.1
0.01
100
1k
10k
100k
Frequency(Hz)
1mV/div
V
OUT
V
IN
200mV/div
100 s/div
m
1.6V
2.0V
500mV/div
V
OUT
I
IN
EN
200mA/div
200mV/div
20 s/div
m
V
=1.3V
OUT
I
=400mA
IN-PEAK
TPS720xx
www.ti.com ................................................................................................................................................ SBVS100C – JUNE 2008 – REVISED SEPTEMBER 2008
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VBIAS = (VOUT + 1.4V) or 2.5V (whichever is greater);
VIN = VOUT + 0.5V, IOUT = 1mA, VEN = 1.1V, COUT = 2.2µF, unless otherwise noted. Typical values are at TJ = +25°C.
VIN POWER-SUPPLY RIPPLE REJECTION
VBIAS POWER-SUPPLY RIPPLE REJECTION
vs FREQUENCY (TPS72015YZU)
vs FREQUENCY (TPS72015YZU)
Figure 19.
Figure 20.
OUTPUT SPECTRAL NOISE DENSITY
VIN INRUSH CURRENT
vs FREQUENCY (TPS72015YZU)
VIN = 1.8V, VOUT = 1.3V, VBIAS = 2.7V, IOUT = 0mA
Figure 21.
Figure 22.
VIN LINE TRANSIENT RESPONSE
VIN INRUSH CURRENT
VIN = 1.6V to 2.0V, VOUT = 1.3V, VBIAS = 2.7V,
VIN = 1.8V, VOUT = 1.3V, VBIAS = 2.7V, IOUT = 350mA
VIN SLEW RATE = 1V/µs, IOUT = 350mA
Figure 23.
Figure 24.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com