Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720105DRVR
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS720105DRVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS720105DRVR Datasheet HTML 4Page - Texas Instruments TPS720105DRVR Datasheet HTML 5Page - Texas Instruments TPS720105DRVR Datasheet HTML 6Page - Texas Instruments TPS720105DRVR Datasheet HTML 7Page - Texas Instruments TPS720105DRVR Datasheet HTML 8Page - Texas Instruments TPS720105DRVR Datasheet HTML 9Page - Texas Instruments TPS720105DRVR Datasheet HTML 10Page - Texas Instruments TPS720105DRVR Datasheet HTML 11Page - Texas Instruments TPS720105DRVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
70
60
50
40
30
20
10
0
0
50
100
150
200
250
300
350
I
(mA)
OUT
+125 C
°
+105 C
°
+85 C
°
-
°
10 C
+25 C
°
-
°
40 C
60
50
40
30
20
10
0
-40
-25
-10
125
95
80
65
50
20
35
5
110
T ( C)
J °
I
=350mA
OUT
3.0
2.5
2.0
1.5
1.0
0.5
0
2.5
3.0
3.5
4.0
5.0
5.5
4.5
V
(V)
BIAS
+125 C
°
+105 C
°
+85 C
°
-
°
10 C
+25 C
°
-
°
40 C
675
650
625
600
575
550
2.5
3.0
3.5
4.0
5.0
5.5
4.5
V
(V)
BIAS
+125 C
°
-
°
10 C
+25 C
°
-
°
40 C
+85 C
°
+105 C
°
675
650
625
600
575
550
2.5
3.0
3.5
4.0
4.5
V
(V)
IN
+125 C
°
-
°
10 C
+25 C
°
-
°
40 C
+85 C
°
+105 C
°
120
100
80
60
40
20
0
10
100
1k
1M
10k
100k
10M
Frequency(Hz)
I
=0mA
OUT
I
=350mA
OUT
I
=50mA
OUT
(V
V
-
IN
OUT)=0.5V
(V
V
-
BIAS
OUT)=1.4V
TPS720xx
SBVS100C – JUNE 2008 – REVISED SEPTEMBER 2008 ................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VBIAS = (VOUT + 1.4V) or 2.5V (whichever is greater);
VIN = VOUT + 0.5V, IOUT = 1mA, VEN = 1.1V, COUT = 2.2µF, unless otherwise noted. Typical values are at TJ = +25°C.
GROUND PIN CURRENT
GROUND PIN CURRENT
vs OUTPUT CURRENT (TPS72013YZU)
vs TEMPERATURE (TPS72013YZU)
Figure 13.
Figure 14.
SHUTDOWN CURRENT
CURRENT LIMIT
vs VBIAS INPUT VOLTAGE (TPS72013YZU)
vs VBIAS INPUT VOLTAGE (TPS72013YZU)
Figure 15.
Figure 16.
CURRENT LIMIT
VIN POWER-SUPPLY RIPPLE REJECTION
vs VIN INPUT VOLTAGE (TPS72013YZU)
vs FREQUENCY (TPS72015YZU)
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com