Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with 2x60mA High Side Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33910 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Document Number: MC33910
Rev. 4.0, 2/2008
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
LIN System Basis Chip with
2x60mA High Side Drivers
The 33910 is a Serial Peripheral Interface (SPI)-controlled System
Basis Chip (SBC), that combines many frequently used functions in
an MCU-based system, plus a Local Interconnect Network (LIN)
transceiver. It has a 5.0V, 60mA low dropout regulator with full
protection and reporting features. The device provides full SPI-
readable diagnostic and a selectable timing watchdog for detecting
errant operation. The LIN Protocol Specification, version 2.0
compliant LIN transceiver has waveshaping circuitry that can be
disabled for higher data rates.
Two 60mA high side switches with optional pulse-width modulation
(PWM) are implemented to drive small loads. One high voltage input
is available for use in contact monitoring or as external wake-up input.
This input can be used as high voltage Analog Input as well. The
voltage on this pin is divided by a selectable ratio and available via an
analog multiplexer.
The 33910 has three main operating modes: Normal (all functions
available); Sleep (VDD off, wake-up via LIN, wake-up input (L1), cyclic
sense and forced wake-up) and Stop (VDD on with limited current
capability, wake-up via CS, LIN bus, wake-up input, cyclic sense,
forced wake-up and external reset).
The 33910 is compatible with LIN Protocol Specification 2.0.
Features
• Two 60mA high side switches
• One high voltage analog/logic input
• Full-duplex SPI at frequencies up to 4MHz
• LIN transceiver capable of up to 100kbps with wave shaping
• Configurable window watchdog
• 5.0V low drop regulator with fault detection and low voltage
reset (LVR) circuitry
• Switched/protected 5.0V output (used for Hall sensors)
• Pb-free packaging designated by suffix code AC
Figure 1. 33910 Simplified Application Diagram
SYSTEM BASIS CHIP WITH LIN
2ND GENERATION
33910
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33910BAC/R2
-40°C to 125°C
32-LQFP
MC34910BAC/R2
-40°C to 85°C
AC SUFFIX (Pb-FREE)
98ASH70029A
32-PIN LQFP
33910
MCU
LIN INTERFACE
VS1
VS2
VSENSE
HS1
L1
HVDD
HS2
WDCONF
LIN
VDD
PWMIN
ADOUT0
MOSI
MISO
SCLK
CS
RXD
TXD
IRQ
RST
VBAT


Similar Part No. - 33910

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33910 FREESCALE-33910 Datasheet
1Mb / 90P
LIN System Basis Chip with High
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
LIN System Basis Chip with High
More results

Similar Description - 33910

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
System Basis Chip with LIN transceiver
logo
NXP Semiconductors
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
LIN fail-safe system basis chip
Rev. 02-5 March 2007
logo
Freescale Semiconductor...
33689D FREESCALE-33689D Datasheet
490Kb / 31P
System Basis Chip with LIN Transceiver
MC33910 FREESCALE-MC33910 Datasheet
853Kb / 49P
LIN System Basis Chip with High Side Drivers
logo
NXP Semiconductors
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
LIN core system basis chip
Rev. 02-27 May 2010
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
LIN System Basis Chip with High
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
LIN System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
LIN core system basis chip
Rev. 2 ??31 January 2011
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com