Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with 2x60mA High Side Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33910
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
WINDOW WATCHDOG CONFIGURATION PIN (WDCONF)
External Resistor Range
REXT
20
–
200
k
Ω
Watchdog Period Accuracy with External Resistor (Excluding Resistor
Accuracy)(35)
WDACC
-15
–
15
%
ANALOG MULTIPLEXER
Internal Chip Temperature Sense Gain
STTOV
–
10.5
–
mV/K
VSENSE Input Divider Ratio (RATIOVSENSE = VVSENSE / VADOUT0)
5.5V < VSUP < 27V
RATIOVSENSE
5.0
5.25
5.5
VSENSE Output Related Offset
-40°C < TA < -20°C
OFFSETVSENS
E
-30
-45
–
–
30
45
mV
ANALOG OUTPUT (ADOUT0)
Maximum Output Voltage
-5mA < IO < 5mA
VOUT_MAX
VDD - 0.35
–
VDD
V
Minimum Output Voltage
-5mA < IO < 5mA
VOUT_MIN
0.0
–
0.35
V
RXD OUTPUT PIN (LIN PHYSICAL LAYER) (RXD)
Low-state Output Voltage
IOUT = 1.5 mA
VOL
0.0
–
0.8
V
High-state Output Voltage
IOUT = -250µA
VOH
VDD-0.8
–
VDD
V
TXD INPUT PIN (LIN PHYSICAL LAYER) (TXD)
Low-state Input Voltage
VIL
-0.3
–
0.3 x nVDD
V
High-state Input Voltage
VIH
0.7 x VDD
–
VDD + 0.3
V
Pin Pull-up Current, 0 < VIN < 3.5V
IPUIN
10
20
30
µA
Notes
35.
Watchdog timing period calculation formula: tPWD [ms] = 0.466 * (REXT - 20) + 10 (REXT in kΩ)
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5V
≤ V
SUP ≤ 18V, -40°C ≤ TA ≤ 125°C for the 33910 and -40°C ≤ TA ≤ 85°C for the
34910, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com