Electronic Components Datasheet Search
  English  ▼

X  

MC145152P2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC145152P2
Description  PLL Frequency Synthesizers (CMOS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145152P2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC145152P2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MC145152-2 Parallel-Input (Interfaces with Dual-Modulus Prescalers)
MC145151-2 and MC145152-2 Technical Data, Rev. 5
Freescale Semiconductor
7
2
MC145152-2 Parallel-Input (Interfaces with
Dual-Modulus Prescalers)
The MC145152-2 is programmed by sixteen parallel inputs for the N and A counters and three input lines
for the R counter. The device features consist of a reference oscillator, selectable-reference divider,
two-output phase detector, 10-bit programmable divide-by-N counter, and 6-bit programmable
divide-by-A counter.
The MC145152-2 is an improved-performance drop-in replacement for the MC145152-1. Power
consumption has decreased and ESD and latch-up performance have improved.
2.1
Features
•
Operating Temperature Range: -40 to 85
°C
•
Low Power Consumption Through Use of CMOS Technology
•
3.0 to 9.0 V Supply Range
•
On- or Off-Chip Reference Oscillator Operation
•
Lock Detect Signal
•
Dual Modulus/Parallel Programming
•
8 User-Selectable
÷ R Values: 8, 64, 128, 256, 512, 1024, 1160, 2048
•
÷ N Range = 3 to 1023, ÷ A Range = 0 to 63
•
Chip Complexity: 8000 FETs or 2000 Equivalent Gates
Figure 5. MC145152-2 Pin Assignment
5
4
3
2
10
9
8
7
6
11
12
13
14
20
21
22
23
24
25
26
19
27
28
18
17
16
15
φ
R
RA0
VDD
VSS
fin
N0
φ
V
RA1
N3
N2
N1
RA2
MC
A5
A3
A4
OSCout
OSCin
LD
N5
N6
N7
N4
N9
A2
A0
N8
A1
1
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com