Electronic Components Datasheet Search
  English  ▼

X  

MC145152P2 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MC145152P2
Description  PLL Frequency Synthesizers (CMOS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145152P2 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MC145152P2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
MC145151-2 and MC145152-2 Electrical Characteristics
MC145151-2 and MC145152-2 Technical Data, Rev. 5
Freescale Semiconductor
17
Figure 11. Phase Detector/Lock Detector Output Waveforms
Table 6. Frequency Characteristics
(Voltages References to VSS, CL = 50 pF, Input tr = tf =10 ns unless otherwise indicated)
Symbol
Parameter
Test Condition
VDD
V
- 40
°C
25
°C
85
°C
Unit
Min
Max
Min
Max
Min
Max
fi
Input Frequency
(fin, OSCin)
R
≥ 8, A ≥ 0, N ≥ 8
Vin = 500 mV p-p ac coupled
sine wave
3
5
9
-
-
-
6
15
15
-
-
-
6
15
15
-
-
-
6
15
15
MHz
R
≥ 8, A ≥ 0, N ≥ 8
Vin = 1 V p-p ac coupled
sine wave
3
5
9
-
-
-
12
22
25
-
-
-
12
20
22
-
-
-
7
20
22
MHz
R
≥ 8, A ≥ 0, N ≥ 8
Vin = VDD to VSS dc coupled
square wave
3
5
9
-
-
-
13
25
25
-
-
-
12
22
25
-
-
-
8
22
25
MHz
Note: Usually, the PLL's propagation delay from fin to MC plus the setup time of the prescaler determines the upper frequency
limit of the system. The upper frequency limit is found with the following formula: f = P/(tP + tset) where f is the upper frequency
in Hz, P is the lower of the dual modulus prescaler ratios, tP is the fin to MC propagation delay in seconds, and tset is the prescaler
setup time in seconds. For example, with a 5 V supply, the fin to MC delay is 70 ns. If the MC12028A prescaler is used, the setup
time is 16 ns. Thus, if the 64/65 ratio is utilized, the upper frequency limit is f = P/(tP + tset) = 64/(70 + 16) = 744 MHz.
VH=High Voltage Level.
VL=Low Voltage Level.
* At this point, when both fR and fV are in phase, the output is forced to near mid-supply.
NOTE: The PDout generates error pulses during out-of-lock conditions. When locked in phase and frequency the output is high
and the voltage at this pin is determined by the low-pass filter capacitor.
fR
REFERENCE
OSC
÷ R
fV
FEEDBACK
(fin ÷ N)
PDout
φ
R
φ
V
LD
*
VH
VL
VH
VL
VH
HIGH IMPEDANCE
VH
VL
VH
VL
VH
VL
VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com