Electronic Components Datasheet Search
  English  ▼

X  

MC145152P2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC145152P2
Description  PLL Frequency Synthesizers (CMOS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145152P2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC145152P2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Freescale Semiconductor, Inc., 2004. All rights reserved.
Freescale Semiconductor
Technical Data
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its
products.
MC145151-2/D
Rev. 5, 12/2004
MC145151-2
MC145152-2
DW Suffix
SOG Package
Case 751F
P Suffix
Plastic DIP
Case 710
Package Information
28
1
28
1
Ordering Information
Device
Package
MC145151P2
Plastic DIP
MC145151DW2
SOG Package
MC145152P2
Plastic DIP
MC145152DW2
SOG Package
The devices described in this document are typically
used as low-power, phase-locked loop frequency
synthesizers. When combined with an external low-pass
filter and voltage-controlled oscillator, these devices can
provide all the remaining functions for a PLL frequency
synthesizer operating up to the device's frequency limit.
For higher VCO frequency operation, a down mixer or a
prescaler can be used between the VCO and the
synthesizer IC.
These frequency synthesizer chips can be found in the
following and other applications:
CATV
TV Tuning
AM/FM Radios
Scanning Receivers
Two-Way Radios
Amateur Radio
÷ R
OSC
÷ N
÷ A
φ
÷ P/P + 1
VCO
OUTPUT FREQUENCY
CONTROL
LOGIC
MC145151-2 and
MC145152-2
PLL Frequency Synthesizers
(CMOS)
Contents
1 MC145151-2 Parallel-Input (Interfaces with
Single-Modulus Prescalers) . . . . . . . . . . . . . 2
1.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2 Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . 3
1.3 Typical Applications . . . . . . . . . . . . . . . . . . . 6
2 MC145152-2 Parallel-Input (Interfaces with
Dual-Modulus Prescalers) . . . . . . . . . . . . . . . 7
2.1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.2 Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . 8
2.3 Typical Applications . . . . . . . . . . . . . . . . . . 10
3 MC145151-2 and MC145152-2
Electrical Characteristics . . . . . . . . . . . . . . 12
4 Design Considerations . . . . . . . . . . . . . . . . 18
4.1 Phase-Locked Loop — Low-Pass Filter
Design . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
4.2 Crystal Oscillator Considerations . . . . . . . . 19
4.3 Dual-Modulus Prescaling . . . . . . . . . . . . . . 21
5 Package Dimensions . . . . . . . . . . . . . . . . . . 23


Similar Part No. - MC145152P2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145152P2 MOTOROLA-MC145152P2 Datasheet
718Kb / 36P
Parallel-Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145152P2 LANSDALE-MC145152P2 Datasheet
536Kb / 35P
PLL Frequency Synthesizer Family
logo
NXP Semiconductors
MC145152P2 NXP-MC145152P2 Datasheet
916Kb / 24P
PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results

Similar Description - MC145152P2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
PLL Frequency Synthesizers
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
PLL Frequency Synthesizers?
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
RF PLL Frequency Synthesizers
REV.0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
RF PLL Frequency Synthesizers
REV.0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
1.1GHz PLL Frequency Synthesizers
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com