Electronic Components Datasheet Search
  English  ▼

X  

MC145152P2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC145152P2
Description  PLL Frequency Synthesizers (CMOS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145152P2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC145152P2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MC145151-2 and MC145152-2 Technical Data, Rev. 5
10
Freescale Semiconductor
MC145152-2 Parallel-Input (Interfaces with Dual-Modulus Prescalers)
divide values respectively for high and low MC levels, N the number programmed into the
÷ N counter,
and A the number programmed into the
÷ A counter.
LD
Lock Detector Output (Pin 28)
Essentially a high level when loop is locked (fR, fV of same phase and frequency). Pulses low when loop
is out of lock.
2.2.3
Power Supply
VDD
Positive Power Supply (Pin 3)
The positive power supply potential. This pin may range from + 3 to + 9 V with respect to VSS.
VSS
Negative Power Supply (Pin 2)
The most negative supply potential. This pin is usually ground.
2.3
Typical Applications
Figure 7. Synthesizer for Land Mobile Radio VHF Bands
NOTES:
1. Off-chip oscillator optional.
2. The
φ
R and φV outputs are fed to an external combiner/loop filter. See the Phase-Locked Loop - Low-Pass Filter Design page
for additional information. The
φ
R and φV outputs swing rail-to-rail. Therefore, the user should be careful not to exceed the com-
mon mode input range of the op amp used in the combiner/loop filter.
LOCK DETECT SIGNAL
10.24 MHz
NOTE 1
R1
NOTE 2
+
150 - 175 MHz
5 kHz STEPS
÷ 64/65 PRESCALER
MC145152-2
MC
LD
A0
A5
N9
OSCin
VDD
VSS
OSCout
RA2
RA1
φ
R
φ
V
fin
-
VCO
RA0
N0
+ V
R1
R2
C
R2
C
“1"
“1"
“1"
NO CONNECTS
CHANNEL PROGRAMMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com