Electronic Components Datasheet Search
  English  ▼

X  

MSC8122 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MSC8122 Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
MSC8122 Quad Digital Signal Processor Data Sheet, Rev. 15
Freescale Semiconductor
3
Figure 1. MSC8122 Block Diagram
Figure 2. StarCore SC140 DSP Extended Core Block Diagram
MQBus
SQBus
Local Bus
128
128
Boot
ROM
64
PLL
JTAG
RS-232
Internal Local Bus
Internal System Bus
IPBus
IP Master
64
64
UART
Memory
Controller
M2
RAM
GPIO Pins
Interrupts
Memory
Controller
System Bus
32/64
DSI Port
32
32/64
PLL/Clock
JTAG Port
SC140
Extended Core
SC140
Extended Core
SC140
Extended Core
System
Interface
32 Timers
4 TDMs
DMA
Bridge
SIU
Registers
Direct
Slave
Interface
(DSI)
8 Hardware
Semaphores
GIC
GPIO
MII/RMII/SMII
Ethernet
SC140
Extended Core
SC140
Power
Management
Core
Program
Sequencer
Address
Register
File
Data ALU
Register
File
Address
ALU
EOnCE
JTAG
Xa
Xb
P
QBus
IRQs
IRQs
MQBus
SQBus
Local Bus
128
128
64
64
64
LIC
PIC
128
128
QBus
Interface
Instruction
Cache
M1
RAM
Notes: 1. The arrows show the data transfer direction.
QBus
Bank 1
QBus
Bank 3
2. The QBus interface includes a bus switch, write buffer, fetch unit, and a control unit that defines
four QBus banks. In addition, the QBC handles internal memory contentions.
QBC
SC140 Core
Data
ALU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com