Electronic Components Datasheet Search
  English  ▼

X  

MSC8122 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Electrical Characteristics
MSC8122 Quad Digital Signal Processor Data Sheet, Rev. 15
Freescale Semiconductor
31
2.5.6.2 DSI Synchronous Mode
Table 19. DSI Inputs in Synchronous Mode
No.
Characteristic
Expression
1.1 V Core
1.2 V Core
Units
Min
Max
Min
Max
120
HCLKIN cycle time1,2
HTC
10.0
55.6
10.0
55.6
ns
121
HCLKIN high pulse width
(0.5
± 0.1) × HTC
4.0
33.3
4.0
33.3
ns
122
HCLKIN low pulse width
(0.5
± 0.1) × HTC
4.0
33.3
4.0
33.3
ns
123
HA[11–29] inputs set-up time
—
1.2
—
1.2
—
ns
124
HD[0–63] inputs set-up time
—
0.6
—
0.4
—
ns
125
HCID[0–4] inputs set-up time
—
1.3
—
1.3
—
ns
126
All other inputs set-up time
—
1.2
—
1.2
—
ns
127
All inputs hold time
—
1.5
—
1.5
—
ns
Notes:
1.
Values are based on a frequency range of 18–100 MHz.
2.
Refer to Table 7 for HCLKIN frequency limits.
Table 20. DSI Outputs in Synchronous Mode
No.
Characteristic
1.1 V Core
1.2 V Core
Units
Min
Max
Min
Max
128
HCLKIN high to HD[0–63] output active
2.0
—
2.0
—
ns
129
HCLKIN high to HD[0–63] output valid
—
7.6
—
6.3
ns
130
HD[0–63] output hold time
1.7
—
1.7
—
ns
131
HCLKIN high to HD[0–63] output high impedance
—
8.3
—
7.6
ns
132
HCLKIN high to HTA output active
2.2
—
2.0
—
ns
133
HCLKIN high to HTA output valid
—
7.4
—
5.9
ns
134
HTA output hold time
1.7
—
1.7
—
ns
135
HCLKIN high to HTA high impedance
—
7.5
—
6.3
ns
Figure 17. DSI Synchronous Mode Signals Timing Diagram
HCLKIN
HA[11–29] input signals
All other input signals
HD[0–63] output signals
HTA output signal
HD[0–63] input signals
120
127
123
126
127
122
121
131
130
129
128
133
135
134
132
HCID[0–4] input signals
125
127
127
124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com