Electronic Components Datasheet Search
  English  ▼

X  

PAM3130CMB285 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM3130CMB285
Description  3A Low Voltage-Low Dropout CMOS Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3130CMB285 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM3130CMB285 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Electrical Characteristic
V
V
C, C =4.7uF, C =2.2uF, unless otherwise noted.
IN
O
A
IN
O
O
=
+0.5V, T =25
5
08/2007
PAM3130
3A Low Voltage-Low Dropout CMOS Regulator
Note1: The minimum input voltage (
) of the PAM3130 is determined by output voltage and dropout
voltage.
:
V=V +V
Note 2: Output current is limited by P , maximum I =P /(
-V ).
V
The minimum input voltage is defined as
V
IN(MIN)
IN(MAX)
IN(MIN)
O
drop
DO
D
O
Parameters
Symbol
Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
Note 1
3.6
V
Output Voltage
Accuracy
Vo
Io=100mA
-2
2
%
Vo=0.9V
330
500
Vo=1.0V
220
400
2.5V>Vo
≥1.2V
50
200
IO=500mA
Vo
≥2.5V
40
150
Vo=0.9V
500
Vo=1.0V
400
2.5V>Vo
≥1.2V
350
Dropout Voltage
VDROP
IO=3.0A
Vo
≥2.5V
300
mV
Short Circuit Current
ISC
Vo < 0.3V
1.0
A
Output Current
IO
3.0
Note 2
A
Quiescent Current
IQ
Io=0mA
90
150
uA
Ground Pin Current
IGND
Io=1mA to 3.0A
1.0
mA
Vo
≤2.5V,Io=10mA
VIN =Vo+0.5V to Vo+1.5V
Line Regulation
LNR
Vo>2.5V,Io=10mA
VIN =3.3V to 3.6V
0.5
1.0
%/V
Load Regulation
LDR
Io=1mA to 3.0A,VIN=Vo+0.5V
0.5
2
%/A
Over Temperature
Shutdown
OTS
150
℃
Over Temperature
Hysteresis
OTH
50
℃
Temperature Coefficient
TC
40
ppm/
℃
f=100Hz
55
f=1KHz
55
Power Supply Ripple
Rejection
PSRR
Io=100mA, Vo=1.5V
f=10KHz
35
dB
Output Noise
Vn
f=10Hz to 100kHz
40
uVrms
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com