Electronic Components Datasheet Search
  English  ▼

X  

PAM3130CMB285 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM3130CMB285
Description  3A Low Voltage-Low Dropout CMOS Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3130CMB285 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM3130CMB285 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical Performance Characteristics(continued)
8
4. Quiescent Current vs Input Voltage
40
50
60
70
80
90
100
1.8
2.1
2.4
2.7
3
3.3
3.6
Input Voltage(V)
Io=0mA,TA=85
℃
Io=0mA,TA=25
℃
5. Ground Current vs Input Voltage
20
40
60
80
100
120
140
1.8
2.1
2.4
2.7
3
3.3
3.6
Input Voltage(V)
Io=1.5A
Io=500mA
Io=10mA
6. Ground Current vs Output Current
0
50
100
150
200
250
300
350
0
500
1000
1500
2000
2500
3000
Output Current(mA)
VIN=2V
VIN=2.5V
VIN=3.3V
7. Ground Current vs Temperature
65
70
75
80
85
90
0
30
60
90
120
150
Temperature(
℃)
VIN=2.5V,Io=10mA
VIN=3.3V,Io=10mA
8. Dropout Voltage vs Output Current
0
50
100
150
200
250
300
350
400
450
0
500
1000
1500
2000
2500
3000
Output Voltage(mA)
Vo=0.9V
Vo=1.5V
Vo=2.5V
9. Dropout Voltage vs Temperature
0
50
100
150
200
250
300
350
400
450
0
30
60
90
120
150
Temperature(
℃)
Vo=0.9V,Io=500mA
Vo=1.5V,Io=500mA
Vo=2.5V,Io=500mA
08/2007
PAM3130
3A Low Voltage-Low Dropout CMOS Regulator
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com