Electronic Components Datasheet Search
  English  ▼

X  

PAM3130CMB285 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM3130CMB285
Description  3A Low Voltage-Low Dropout CMOS Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3130CMB285 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM3130CMB285 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Typical Performance Characteristics
T =25 C, C =4.7uF, C =2.2uF, unless otherwise noted.
AIN
O
O
6
1. Output Voltage vs Input Voltage
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
Input Voltage(V)
Io=1.5A
Io=500mA
Io=10mA
Vo=0.9V
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
Input Voltage(V)
IO=10mA,TA=25
℃
Io=10mA,TA=85
℃
Vo=0.9V
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
Input Voltage(V)
Io=1.5A
Io=500mA
Io=10mA
Vo=1.5V
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
Input Voltage(V)
Io=10mA,TA=25
℃
Io=10mA,TA=85
℃
Vo=1.5V
0.5
1
1.5
2
2.5
3
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
Input Voltage(V)
Io=1.5A
Io=500mA
Io=10mA
Vo=2.5V
Vo=2.5V
0.5
1
1.5
2
2.5
3
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
Input Voltage(V)
Io=10mA,TA=25
℃
Io=10mA,TA=85
℃
08/2007
PAM3130
3A Low Voltage-Low Dropout CMOS Regulator
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com