Electronic Components Datasheet Search
  English  ▼

X  

PAM3130CMB285 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM3130CMB285
Description  3A Low Voltage-Low Dropout CMOS Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3130CMB285 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM3130CMB285 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 15Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Application Information
11
08/2007
The PAM3130 family of low-dropout (LDO)
regulators have several features that allow them to
apply to a wide range of applications. The family
operates with very low input voltage (1.4V) and low
dropout voltage (typically 300mV at full load),
making it an efficient stand-alone power supply or
post regulator for battery or switch mode power
supplies. The 3A output current make the PAM3130
family suitable for powering many microprocessors
and FPGA supplies. The PAM3130 family also has
low output noise (typically 40μVRMS with 2.2μF
output capacitor), making it ideal for use in telecom
equipment.
A 2.2μF or larger ceramic input bypass capacitor,
connected between V and GND and located close
to the PAM3130, is required for stability. A 1.0uF
minimum value capacitor from V
to GND is also
required. To improve transient response, noise
rejection, and ripple rejection, an additional 10μF
or larger, low ESR capacitor is recommended at the
output. A higher value, low ESR output capacitor
may be necessary if large, fast-rise-time load
transients are anticipated and the device is located
several inches from the power source, especially if
the minimum input voltage of 1.4 V is used.
The PAM3130 features internal current limiting,
thermal protection and short circuit protection.
During normal operation, the PAM3130 limits
output current to about 4.5A. When current limiting
engages, the output voltage scales back linearly
until the over current condition ends. While current
limiting is designed to prevent gross device failure,
care should be taken not to exceed the power
dissipation r atings of the package. If the
temperature of the device exceeds 150°C, thermal-
protection circuitry will shut down. Once the device
has cooled down to approximately 50°C below the
high temp trip point, regulator operation resumes.
The short circuit current of the PAM3130 is about
1A when its output pin is shorted to ground.
The amount of heat that an LDO linear regulator
generates is:
P =(V -V )I .
All integrated circuits have a m aximum
allowable junction temperature (T max) above
which normal operation is not assured. A system
designer
must
design
the
operating
environment so that the operating junction
temperature (T ) does not exceed the maximum
junction temperature (T max). The two main
environmental variables that a designer can use
to improve thermal performance are air flow and
external heatsinks. The purpose o f t his
information is to aid the designer in determining
the proper operating environment for a linear
regulator that is operating at a specific power
level.
In general, the maximum expected power
(P (max)) consumed by a linear regulator is
computed as:
(1)
Where:
V
is the average input voltage.
V
is the average output voltage.
I
is the average output current.
I
is the quiescent current.
For most LDO regulators, the quiescent current
is insignificant compared to the average output
current; therefore, the term V
xI
can be
neglected. The operating junction temperature
is computed by adding the ambient temperature
(T ) and the increase in temperature due to the
regulator' s power dissipation. The temperature
rise is computed by multiplying the maximum
expected power dissipation by the sum of the
thermal resistances between the junction and
the case R
), the case to heatsink (R
), and
the heatsink to ambient (R
). Thermal
resistances are measures of how effectively an
object dissipates heat. Typically, the larger the
device, the more surface area available for
power dissipation so that the object 's thermal
resistance will be lower.
External Capacitor Requirements
Regulator Protection
Thermal Information
IN
O
DIN
O
O
J
J
J
D
I (avg)
O(avg)
O(avg)
(Q)
I(avg)
(Q)
A
JC
CS
SA
l
l
l
l
(
θθ
θ
()
()
() () () ( )
D
I avg
O avg
O avg
I avg
Q
P max= V
-V
×I
+V
×I
PAM3130
3A Low Voltage-Low Dropout CMOS Regulator
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com