Electronic Components Datasheet Search
  English  ▼

X  

2SC4196 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4196
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4196 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4196 Datasheet HTML 1Page - Renesas Technology Corp 2SC4196 Datasheet HTML 2Page - Renesas Technology Corp 2SC4196 Datasheet HTML 3Page - Renesas Technology Corp 2SC4196 Datasheet HTML 4Page - Renesas Technology Corp 2SC4196 Datasheet HTML 5Page - Renesas Technology Corp 2SC4196 Datasheet HTML 6Page - Renesas Technology Corp 2SC4196 Datasheet HTML 7Page - Renesas Technology Corp 2SC4196 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC4196
Rev.3.00 Aug 10, 2005 page 5 of 7
S Parameters (Emitter Common)
Test Condition
VCE = 5 V, IC = 5 mA, ZO = 50
Ω
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.718
–44.8
12.498
144.9
0.026
68.8
0.895
–14.6
200
0.549
–78.8
9.123
122.0
0.042
59.3
0.756
–20.3
300
0.439
–102.0
6.788
108.4
0.051
57.6
0.671
–21.3
400
0.381
–120.8
5.348
99.3
0.060
58.5
0.626
–21.5
500
0.351
–135.5
4.396
92.4
0.068
60.6
0.600
–21.8
600
0.340
–148.2
3.732
86.7
0.076
62.5
0.582
–22.5
700
0.337
–157.8
3.240
81.7
0.085
64.3
0.569
–23.3
800
0.337
–165.2
2.875
77.3
0.094
66.0
0.558
–24.4
900
0.343
–173.1
2.575
73.4
0.103
67.3
0.547
–25.8
1000
0.359
–177.9
2.355
70.0
0.112
68.4
0.538
–27.2
Test Condition
VCE = 5 V, IC = 10 mA, ZO = 50
Ω
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.553
–65.2
17.540
133.2
0.022
64.8
0.809
–18.0
200
0.401
–103.4
11.066
111.3
0.033
61.3
0.659
–20.0
300
0.337
–127.4
7.723
99.9
0.043
63.9
0.598
–18.6
400
0.314
–143.9
5.939
92.5
0.052
66.3
0.570
–18.1
500
0.313
–155.7
4.816
86.7
0.063
68.6
0.555
–18.2
600
0.314
–165.5
4.052
81.8
0.073
70.1
0.545
–18.9
700
0.327
–172.2
3.496
77.6
0.083
71.4
0.536
–19.9
800
0.335
–177.7
3.090
73.8
0.093
72.4
0.530
–21.0
900
0.349
176.8
2.753
70.1
0.103
73.0
0.523
–22.4
1000
0.354
172.8
2.515
67.0
0.113
74.0
0.516
–24.0
Y Parameters (Emitter Common)
Test Condition
VCE = 5 V, IC = 5 mA
Freq.
Yie (mS)
Yfe (mS)
Yre (mS)
Yoe (mS)
(MHz)
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
100
3.035
5.491
152.256
–40.168
–0.005
–0.334
0.048
0.613
200
6.463
10.003
131.145
–71.318
–0.015
–0.679
0.100
1.238
300
10.768
12.356
103.025
–90.187
–0.036
–1.034
0.191
1.804
400
15.089
13.186
77.334
–98.666
–0.065
–1.397
0.232
2.386
500
18.776
12.837
55.039
–99.977
–0.090
–1.767
0.270
2.947
600
22.098
11.913
37.290
–98.247
–0.128
–2.134
0.347
3.555
700
24.568
10.731
22.802
–93.799
–0.163
–2.515
0.417
4.133
800
26.291
9.416
11.686
–88.266
–0.193
–2.890
0.516
4.703
900
28.112
7.683
2.225
–82.972
–0.260
–3.305
0.614
5.354
1000
29.685
6.751
–3.931
–78.720
–0.291
–3.746
0.629
5.908



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com