Electronic Components Datasheet Search
  English  ▼

X  

2SC4196 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4196
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4196 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC4196 Datasheet HTML 1Page - Renesas Technology Corp 2SC4196 Datasheet HTML 2Page - Renesas Technology Corp 2SC4196 Datasheet HTML 3Page - Renesas Technology Corp 2SC4196 Datasheet HTML 4Page - Renesas Technology Corp 2SC4196 Datasheet HTML 5Page - Renesas Technology Corp 2SC4196 Datasheet HTML 6Page - Renesas Technology Corp 2SC4196 Datasheet HTML 7Page - Renesas Technology Corp 2SC4196 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC4196
Rev.3.00 Aug 10, 2005 page 6 of 7
Test Condition
VCE = 5 V, IC = 10 mA
Freq.
Yie (mS)
Yfe (mS)
Yre (mS)
Yoe (mS)
(MHz)
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
100
5.903
7.347
243.307
–103.091
–0.008
–0.338
0.026
0.591
200
11.583
10.820
168.225
–150.806
–0.022
–0.682
0.128
1.254
300
16.546
10.993
103.210
–155.623
–0.045
–1.041
0.216
1.797
400
20.055
10.038
61.965
–145.393
–0.074
–1.387
0.320
2.394
500
22.491
8.943
35.421
–131.365
–0.093
–1.766
0.316
2.917
600
24.417
7.556
16.762
–118.513
–0.133
–2.138
0.378
3.544
700
26.086
6.620
5.096
–107.291
–0.155
–2.531
0.424
4.086
800
27.193
5.569
–3.874
–97.359
–0.185
–2.923
0.469
4.659
900
28.543
4.340
–11.095
–88.952
–0.248
–3.349
0.563
5.307
1000
28.955
3.253
–15.953
–81.466
–0.270
–3.737
0.650
5.861
VOSC Test Circuit
330
1.2 p
9 p
470
VBB
L1 : φ0.8 mm Enameled Copper Wire.
L2 : φ0.8 mm Enameled Copper Wire.
L3 : Inside dia 3 mm, φ0.3 mm Enameled Copper Wire 10 Turns.
VCC
L1
L3
L2
2.2 n
6.8 k
47 k
VT
1 n
1 n
1 n
ISV188
Vosc
Output
Unit
Unit : mm
R :
Ω
C : F
15
15
15
5
Ferrite
Bead
D.U.T.
Vosc Test Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com